Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

45LR160D Datasheet(PDF) 3 Page - International Rectifier

Part # 45LR160D
Description  STANDARD RECOVERY DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

45LR160D Datasheet(HTML) 3 Page - International Rectifier

  45LR160D Datasheet HTML 1Page - International Rectifier 45LR160D Datasheet HTML 2Page - International Rectifier 45LR160D Datasheet HTML 3Page - International Rectifier 45LR160D Datasheet HTML 4Page - International Rectifier 45LR160D Datasheet HTML 5Page - International Rectifier 45LR160D Datasheet HTML 6Page - International Rectifier 45LR160D Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
45L(R)..D Series
3
www.irf.com
Bulletin I2030 rev. A 11/94
T
J
Max. junction operating temperature
-40 to 200
T
stg
Max. storage temperature range
-40 to 200
R
thJC
Max. thermal resistance, junction to case
0.25
DC operation
R
thCS
Max. thermal resistance, case to heatsink
0.10
Mounting surface, smooth, flat and greased
T
Max. allowed mounting torque +0 -20%
17
Not lubricated threads
14.5
Lubricated threads
wt
Approximate weight
130
g
Case style
DO-205AC (DO-30)
See Outline Table
Parameter
45L(R)..D
Units
Conditions
Thermal and Mechanical Specifications
°C
∆R
thJC
Conduction
(The following table shows the increment of thermal resistence R
thJC
when devices operate at different conduction angles than DC)
K/W
Ordering Information Table
1
-
45
= Standard version
47
= Version with Pinch Bolt (only flat base)
48
= Flag Top Terminal
2
-
L
= Essential Part Number
3
-
F
= Flat Base
None = Normal Stud
4
-
R
= Stud Reverse Polarity (Anode to Stud)
None = Stud Normal Polarity (Cathode to Stud)
5
-
Voltage code: Code x 10 = V
RRM
(See Voltage Ratings table)
6
--
D
= Diffused diode
45
L
F
R
160
D
1
23
4
5
Device Code
6
Nm
180°
0.031
0.023
T
J
= T
J
max.
120°
0.038
0.040
90°
0.048
0.053
60°
0.071
0.075
30°
0.120
0.121
Conduction angle
Sinusoidal conduction
Rectangular conduction Units
Conditions
K/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com