Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

45LR160D Datasheet(PDF) 5 Page - International Rectifier

Part # 45LR160D
Description  STANDARD RECOVERY DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

45LR160D Datasheet(HTML) 5 Page - International Rectifier

  45LR160D Datasheet HTML 1Page - International Rectifier 45LR160D Datasheet HTML 2Page - International Rectifier 45LR160D Datasheet HTML 3Page - International Rectifier 45LR160D Datasheet HTML 4Page - International Rectifier 45LR160D Datasheet HTML 5Page - International Rectifier 45LR160D Datasheet HTML 6Page - International Rectifier 45LR160D Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
45L(R)..D Series
5
www.irf.com
Bulletin I2030 rev. A 11/94
Outline Table
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
All dimensions in millimeters (inches)
47LF
IR Case Style B52
Flat Base
140
150
160
170
180
190
200
0
20
40
60
80
100 120 140 160
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
45L(R)..D Series
R
(DC) = 0.25 K/W
thJC
140
150
160
170
180
190
200
0
50
100
150
200
250
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
45L(R)..D Series
R
(DC) = 0.25 K/W
thJC
60 (2.36)
24
(0.94)
48 (1.88)
7 (0.27)
FULL RAD.
Spring Clamp
41 (1.61)
24
(0.94)
2.4
(0.09)
DIA. 11.25 (044)
9 (0.35) ±
0.1 (0.004)
DIA.
5.5 (0.21) DIA.
16
(0.62)
33 (1.29)
6
(0.23)
Pinch Bolt
DIA. 11.15 (0.44) MAX.
GLASS-METAL SEAL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com