Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

45LR160D Datasheet(PDF) 4 Page - International Rectifier

Part # 45LR160D
Description  STANDARD RECOVERY DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

45LR160D Datasheet(HTML) 4 Page - International Rectifier

  45LR160D Datasheet HTML 1Page - International Rectifier 45LR160D Datasheet HTML 2Page - International Rectifier 45LR160D Datasheet HTML 3Page - International Rectifier 45LR160D Datasheet HTML 4Page - International Rectifier 45LR160D Datasheet HTML 5Page - International Rectifier 45LR160D Datasheet HTML 6Page - International Rectifier 45LR160D Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
45L(R)..D Series
4
www.irf.com
Bulletin I2030 rev. A 11/94
All dimensions in millimeters (inches)
45LF
DO-205AC (DO-30)
Flat Base
DO-205AC (DO-30)
45L
GLASS-METAL SEAL
16.5 (0.65) MAX.
DIA. 8.5 (0.33)
DIA. 23 (0.91)
MAX.
31 (1.22)
Outline Table
GLASS-METAL SEAL
16.5 (0.65) MAX.
DIA. 8.5 (0.33)
DIA. 23 (0.91)
MAX.
1/2"-20UNF-2A*
IR Case Style B31
48L
GLASS-METAL SEAL
DIA. 23 (0.91) MAX.
16.5 (0.65)
5.6 (0.22)
DIA. 5.54 (0.22)
1/2"-20UNF-2A*



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com