Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

45LR160D Datasheet(PDF) 6 Page - International Rectifier

Part # 45LR160D
Description  STANDARD RECOVERY DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

45LR160D Datasheet(HTML) 6 Page - International Rectifier

  45LR160D Datasheet HTML 1Page - International Rectifier 45LR160D Datasheet HTML 2Page - International Rectifier 45LR160D Datasheet HTML 3Page - International Rectifier 45LR160D Datasheet HTML 4Page - International Rectifier 45LR160D Datasheet HTML 5Page - International Rectifier 45LR160D Datasheet HTML 6Page - International Rectifier 45LR160D Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
45L(R)..D Series
6
www.irf.com
Bulletin I2030 rev. A 11/94
Fig. 4 - Forward Power Loss Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
500
1000
1500
2000
2500
3000
3500
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
45L(R)..D Series
Initial T = 200°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
500
1000
1500
2000
2500
3000
3500
4000
0.01
0.1
1
Pulse Train Duration (s)
45L(R)..D Series
Initial T = 200°C
No Voltage Reapplied
Rated V
Reapplied
Versus Pulse Train Duration.
RRM
J
Maximum Non Repetitive Surge Current
25
50
75
100
125
150
175
200
Maximum Allowable Ambient Temperature (°C)
0.8
K/
W
1 .5
K/W
2 K/
W
3 K/W
1
K/W
0
20
40
60
80
100
120
140
160
180
0
40
80
120
160
RMS Limit
180°
120°
90°
60°
30°
Conduction Angle
Average Forward Current (A)
45L(R)..D Series
T = 200°C
J
25
50
75
100
125
150
175
200
Maximum Allowable Ambient Temperature (°C)
3 K/W
2 K/W
1.5 K
/W
1 K
/W
0.8
K/W
0.6
K/
W
0
50
100
150
200
250
0
50
100
150
200
250
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average Forward Current (A)
45L(R)..D Series
T = 200°C
J



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com