Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT163374APVG8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 74FCT163374APVG8
Description  3.3V CMOS 16-BIT REGISTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT163374APVG8 Datasheet(HTML) 4 Page - Integrated Device Technology

  74FCT163374APVG8 Datasheet HTML 1Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 2Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 3Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 4Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 5Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 6Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDT74FCT163374A/C
3.3V CMOS 16-BIT REGISTER (3-STATE)
POWER SU PPLY CH ARACT ERI ST I CS
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
ΔICC
Quiescent Power Supply
VCC = Max.
—
2
30
µ A
Current TTL Inputs HIGH
VIN = VCC –0.6V(3)
ICCD
Dynamic Power Supply Current(4)
VCC = Max.
VIN = VCC
—
50
75
µA/
OutputsOpen
VIN = GND
MHz
xOE = GND
OneInputToggling
50% Duty Cycle
IC
Total Power Supply Current(6)
VCC = Max., Outputs Open
VIN = VCC
—
0.5
0.8
mA
fCP = 10MHz
VIN = GND
50% Duty Cycle
xOE = GND
fi = 5MHz
VIN = VCC –0.6V
—
0.5
0.8
OneBitToggling
VIN = GND
VCC = Max., Outputs Open
VIN = VCC
—
2.5
3.8(5)
fCP = 10MHz
VIN = GND
50% Duty Cycle
xOE = GND
VIN = VCC –0.6V
—
2.5
4(5)
fi = 2.5MHz
VIN = GND
SixteenBitsToggling
NOTES:
1. For conditions shown as max. or min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Per TTL driven input; all other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula.
These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC + DICC DHNT + ICCD (fCPNCP/2 + fiNi)
ICC = Quiescent Current (ICCL, ICCH and ICCZ)
ΔICC = Power Supply Current for a TTL High Input
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
NCP = Number of Clock Inputs at fCP
fi = Input Frequency
Ni = Number of Inputs at fi



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com