Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT163374APVG8 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 74FCT163374APVG8
Description  3.3V CMOS 16-BIT REGISTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT163374APVG8 Datasheet(HTML) 5 Page - Integrated Device Technology

  74FCT163374APVG8 Datasheet HTML 1Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 2Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 3Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 4Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 5Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 6Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
IDT74FCT163374A/C
3.3V CMOS 16-BIT REGISTER (3-STATE)
INDUSTRIALTEMPERATURERANGE
FCT163374A
FCT163374C
Symbol
Parameter
Condition(2)
Min.(3)
Max.
Min.(3)
Max.
Unit
tPLH
Propagation Delay
CL = 50pF
2
6.5
2
5.2
ns
tPHL
xCLK to xOx
RL = 500
Ω
tPZH
Output Enable Time
1.5
6.5
1.5
5.5
ns
tPZL
tPHZ
Output Disable Time
1.5
5.5
1.5
5
ns
tPLZ
tSU
Set-up Time HIGH or LOW, xDx to xCLK
2
—
2
—
ns
tH
Hold Time HIGH or LOW, xDx to xCLK
1.5
—
1.5
—
ns
tW
xCLK Pulse Width HIGH
5
—
5
—
ns
tSK(o)
Output Skew(4)
—
0.5
—
0.5
ns
SWI TCH I N G CH ARACT ERI ST I CS OV ER OPERAT I N G RAN GE(1)
NOTES:
1. Propagation Delays and Enable/Disable times are with VCC = 3.3V ±0.3V, Normal Range. For VCC = 2.7V to 3.6V, Extended Range, all Propagation Delays and Enable/Disable
times should be degraded by 20%.
2. See test circuit and waveforms.
3. Minimum limits are guaranteed but not tested.
4. Skew between any two outputs, of the same package, switching in the same direction. This parameter is guaranteed by design.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com