Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT163374APVG8 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 74FCT163374APVG8
Description  3.3V CMOS 16-BIT REGISTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT163374APVG8 Datasheet(HTML) 6 Page - Integrated Device Technology

  74FCT163374APVG8 Datasheet HTML 1Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 2Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 3Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 4Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 5Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 6Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
INDUSTRIALTEMPERATURERANGE
IDT74FCT163374A/C
3.3V CMOS 16-BIT REGISTER (3-STATE)
Pulse
Generator
R T
D.U.T.
V CC
VIN
C L
VOUT
50pF
500
Ω
500
Ω
Open
GND
6v
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
DATA
INPUT
TIMING
INPUT
ASYNCHRONOUS CONTROL
PRESET
CLEAR
ETC.
SYNCHRONOUS CONTROL
tSU
tH
tREM
tSU
tH
PRESET
CLEAR
CLOCK ENABLE
ETC.
HIGH-LOW-HIGH
PULSE
LOW-HIGH-LOW
PULSE
tW
1.5V
1.5V
SAME PHASE
INPUT TRANSITION
3V
1.5V
0V
1.5V
VOH
tPLH
OUTPUT
OPPOSITE PHASE
INPUT TRANSITION
3V
1.5V
0V
tPLH
tPHL
tPHL
VOL
CONTROL
INPUT
3V
1.5V
0V
3V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
6V
SWITCH
GND
VOL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3V
0V
1.5V
1.5V
ENABLE
DISABLE
VOH
T EST CI RCU I T S AN D WAV EFORM S
Propagation Delay
Test Circuits for All Outputs
Enable and Disable Times
Set-up, Hold, and Release Times
Pulse Width
Test
Switch
Open Drain
Disable Low
6V
Enable Low
Disable High
GND
Enable High
All Other Tests
Open
SWI TCH POSI T I ON
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
2. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns.
3. if VCC is below 3V, input voltage swings should be adjusted not to exceed VCC.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com