Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT163374APVG8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 74FCT163374APVG8
Description  3.3V CMOS 16-BIT REGISTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT163374APVG8 Datasheet(HTML) 1 Page - Integrated Device Technology

  74FCT163374APVG8 Datasheet HTML 1Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 2Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 3Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 4Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 5Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 6Page - Integrated Device Technology 74FCT163374APVG8 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
IDT74FCT163374A/C
3.3V CMOS 16-BIT REGISTER (3-STATE)
INDUSTRIALTEMPERATURERANGE
M AY 2 0 1 8
I N DU ST RI AL T EM PERAT U RE RAN GE
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
FEATURES:
• 0.5 MICRON CMOS Technology
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
• VCC = 3.3V ± 0.3V, Normal Range, or VCC = 2.7V to 3.6V, Extended
Range
• CMOS power levels (0.4
µ
µµ
µµ W typ. static)
• Rail-to-rail output swing for increased noise margin
• Low Ground Bounce (0.3V typ.)
• Inputs (except I/O) can be driven by 3.3V or 5V components
• Available in SSOP and TSSOP packages
FU N CT I ON AL BLOCK DI AGRAM
IDT74FCT163374A/C
3.3V CMOS 16-BIT
REGISTER (3-STATE)
DESCRIPTION:
The FCT163374 16-bit edge-triggered D-type register is built using
advanced dual metal CMOS technology. These high-speed, low-power
registers are ideal for use as buffer registers for data synchronization and
storage. The Output Enable (xOE) and clock (xCLK) controls are organized
to operate each device as two 8-bit registers or one 16-bit register with
common clock. Flow-through organization of signal pins facilitates ease of
layout. All inputs are designed with hysteresis for improved noise margin.
The inputs of FCT163374 can be driven from either 3.3V or 5V devices.
This feature allows the use of these devices as translators in a mixed 3.3V/
5V supply system.
2
O1
2
OE
2
CLK
2
D1
TO SEVEN OTHER CHANNELS
C
D
1
O1
1
OE
1
CLK
1
D1
TO SEVEN OTHER CHANNELS
C
D
24
25
36
2
13
1
48
47
©2018 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-2775/13


Similar Part No. - 74FCT163374APVG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74FCT163374APVG8 RENESAS-74FCT163374APVG8 Datasheet
250Kb / 8P
3.3V CMOS 16-BIT REGISTER (3-STATE)
MAY 2018
More results

Similar Description - 74FCT163374APVG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163952A IDT-IDT74FCT163952A Datasheet
105Kb / 7P
3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LCX16374 PERICOM-PI74LCX16374 Datasheet
151Kb / 6P
Fast CMOS 3.3V 16-Bit Register (3-State)
PI74FCT163374 PERICOM-PI74FCT163374 Datasheet
94Kb / 5P
Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LPT16374 PERICOM-PI74LPT16374 Datasheet
50Kb / 5P
Fast CMOS 3.3V 16-Bit Register (3-State)
logo
Integrated Device Techn...
IDT74FCT163374A IDT-IDT74FCT163374A Datasheet
76Kb / 7P
3.3V CMOS 16-BIT REGISTER (3-STATE)
IDT74FCT162374AT IDT-IDT74FCT162374AT Datasheet
73Kb / 7P
FAST CMOS 16-BIT REGISTER (3-STATE)
IDT54FCT16374T IDT-IDT54FCT16374T Datasheet
126Kb / 8P
FAST CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT162374AT RENESAS-IDT74FCT162374AT Datasheet
239Kb / 8P
FAST CMOS 16-BIT REGISTER (3-STATE)
SEPTEMBER 2009
IDT74FCT163374A RENESAS-IDT74FCT163374A Datasheet
250Kb / 8P
3.3V CMOS 16-BIT REGISTER (3-STATE)
MAY 2018
IDT74FCT16374AT RENESAS-IDT74FCT16374AT Datasheet
259Kb / 8P
FAST CMOS 16-BIT REGISTER (3-STATE)
MARCH 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com