Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPL5331 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HPL5331
Description  3A Bus Termination Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HPL5331 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HPL5331 Datasheet HTML 1Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 2Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 3Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 4Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 5Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 6Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 7Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 8Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Rev. A.8 - Oct., 2003
HPL5331
4
 Copyright HIPAC Semiconductor, Inc.
www.hipacsemi.com
Electrical Characteristics
Refer to the typical application circuit. These specifications apply over, VCNTL=3.3V, VIN=2.5V/1.8V,
VREF=0.5VIN and TJ= 0 to 125°C, unless otherwise specified. Typical values refer to TJ =25°C.
HPL5331
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
VO UT Output Voltage
IOUT=0A
VREF
V
System Accuracy
O ver temperature, VOUT offset, and
load regulation
-20
20
mV
IOUT=+10mA
-14
-9
VOS
VO UT Offset Voltage
(VOUT–VREF)
IOUT=-10mA
2
8
mV
IOUT=+10mA to +3A
-6
-3
Load Regulation
IOUT = -10mA to -3A
7
12
mV
Protection
Sourcing Current
TJ=25°C
(VIN=2.5V)
TJ=125°C
+3.3
+3.6
+3.1
Sinking Current
TJ=25°C
(VIN=2.5V)
TJ=125°C
-3.3
-3.6
-3.1
Sourcing Current
TJ=25°C
(VIN=1.8V)
TJ=125°C
+2.9
+3.2
+2.6
ILIM
Current Limit
Sinking Current
TJ=25°C
(VIN=1.8V)
TJ=125°C
-2.9
-3.2
-2.6
A
TSD
Thermal Shutdown
Temperature
Rising TJ
150
oC
Thermal Shutdown Hysteresis
40
oC
Input Current
IOUT=0A
2
4.5
6
IOUT=
±3A (Normal Operation),
VCNTL=5V
50
110
ICNTL
VCNTL Supply Current
VREF=GND (Shutdown)
2.6
mA
VREF=1.25V/0.9V (Normal Operation)
150
500
nA
IVREF
VREF Bias Current
(The current flows out of VREF) VREF=GND (Shutdown)
20
40
µA
Shutdown Control
Shutdown Threshold Voltage
0.2
0.35
0.65
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com