Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPL5331 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HPL5331
Description  3A Bus Termination Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HPL5331 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button HPL5331 Datasheet HTML 2Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 3Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 4Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 5Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 6Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 7Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 8Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 9Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Rev. A.8 - Oct., 2003
HPL5331
6
 Copyright HIPAC Semiconductor, Inc.
www.hipacsemi.com
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
-25
0
25
50
75
100
125
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-50
-25
0
25
50
75
100
125
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-50
-25
0
25
50
75
100
125
Typical Characteristics
Sourcing Current-Limit
vs Junction Temperature
Junction Temperature (°C)
VREF Bias Current
vs Junction Temperature
Junction Temperature (°C)
Junction Temperature (°C)
Junction Temperature (°C)
Sinking Current-Limit
vs Junction Temperature
VREF Shutdown Threshold
vs Junction Temperature
V
REF=1.25V/0.9V
0.1
0.2
0.3
0.4
0.5
0.6
-50
-25
0
25
50
75
100
125
V
CNTL=5V
V
CNTL=3.3V
VCNTL=5V,VIN=2.5V
VCNTL=3.3V,VIN=2.5V
VCNTL=5V,VIN=1.8V
VCNTL=3.3V,VIN=1.8V
VCNTL=5V,VIN=1.8V
VCNTL=3.3V,VIN=1.8V
VCNTL=3.3V,VIN=2.5V
VCNTL=5V,VIN=2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com