Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPL5331 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HPL5331
Description  3A Bus Termination Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HPL5331 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HPL5331 Datasheet HTML 1Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 2Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 3Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 4Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 5Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 6Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 7Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 8Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Rev. A.8 - Oct., 2003
HPL5331
5
 Copyright HIPAC Semiconductor, Inc.
www.hipacsemi.com
Typical Application Circuit
COUT : 470
µF, ESR=25mΩ
R1, R2 : 1k
Ω, 1%
Q1 : HPM2300 AC
VCNTL
+3 .3 V
C CNTL
47uF
VOUT
+1 .25V/0.9 V
-3 ~+3 A
C SS
0.1u F
GN D
R 1
1k
R 2
1k
VIN
+2 .5 V/1.8V
GN D
C IN
470uF
Q1
Shutdow n
C OUT
470uF
VREF
GN D
VR EF
VIN
VO U T
VC N TL
Note : Since R1 and R2 are very small, the voltage offset
caused by the bias current of VREF can be ignore.
2. VOUT=1.4V Application
VCNT L
+5V
C CNT L
47µF
VOUT
+1.4V/
-3~+3 A
C SS
0.1µF
GND
R 1
1k
R 2
1k
VIN
+2.8V
GND
C IN
470µF
C OUT
470µF
VREF
GN D
VR EF
VIN
VOU T
VCNTL
1. VOUT=1.25V/0.9V Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com