Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPL5331 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HPL5331
Description  3A Bus Termination Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HPL5331 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HPL5331 Datasheet HTML 1Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 2Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 3Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 4Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 5Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 6Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 7Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 8Page - List of Unclassifed Manufacturers HPL5331 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
3A Bus Termination Regulator
Rev. A.8 - Oct., 2003
HPL5331
1
 Copyright HIPAC Semiconductor, Inc.
www.hipacsemi.com
•••••
Provide Bi-direction Current
- Sourcing or Sinking Current up to 3A
•••••
1.25V/0.9V Output for DDR I/II Applications
•••••
Fast Transient Response
•••••
High Output Accuracy
- ±20mV over Load, VOUT Offset and
Temperature
•••••
Adjustable Output Voltage by External Resistors
•••••
Current-Limit Protection
•••••
On-Chip Thermal Shutdown
•••••
Shutdown for Standby or Suspend Mode
•••••
Simple SOP-8, SOP-8-P with thermal pad,
TO-252- 5 and TO-263-5 Packages
Features
General Description (Cont.)
On-chip thermal shutdown provides protection against
any combination of overload that would create ex-
cessive junction temperature. The output voltage of
HPL5331 track the voltage at VREF pin. A resistor
divider connected to VIN, GND and VREF pins is
used to provide a half voltage of VIN to VREF pin. In
addition, an external ceramic capacitor and an open-
drain transistor connected to VREF pin provides soft-
start and shutdown control respectively. Pulling and
holding the VREF to GND shuts off the output. The
output of HPL5331 will be high impedance after being
shut down by VREF or thermal shutdown function.
Applications
•
DDR I/II SDRAM Termination
•
SSTL-2/3 Termination Voltage
•
Applications Requiring the Regulator with
Bi-direction 3A Current Capability
Pin Configuration
TO-252-5 (Top View)
VOUT
VREF
VCNTL
GND
VIN
TAB is VCNTL
TO-263-5 (Top View)
VIN
GND
VCNTL
VREF
VOUT
1
2
3
4
5
TAB is VCNTL
SOP-8 (Top View)
1
2
3
45
6
7
8
VIN
GND
VREF
VOUT
VCNTL
VCNTL
VCNTL
VCNTL
General Description
The HPL5331 linear regulator is designed to provide a
regulated voltage with bi-directional output current for
DDR-SDRAM termination. The HPL5331 integrates
two power transistors to source or sink current up to
3A. It also incorporate current-limit, thermal shutdown
and shutdown control functions into a single chip. Cur-
rent-limit circuit limits the short-circuit current.
1
2
3
45
6
7
8
VIN
GND
VREF
VOUT
NC
VCNTL
NC
NC
SOP-8-P (Top View)
= Thermal Pad
NC = No internal connection
(connected to GND plane for better heat
dissipation)


Similar Part No. - HPL5331

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HPL505032F1060MRD3P TDK-HPL505032F1060MRD3P Datasheet
238Kb / 3P
SMD / SMT Inductors (Coils)
HPL505032F1070MRD3P TDK-HPL505032F1070MRD3P Datasheet
239Kb / 3P
SMD / SMT Inductors (Coils)
HPL505032F1080MRD3P TDK-HPL505032F1080MRD3P Datasheet
237Kb / 3P
SMD / SMT Inductors (Coils)
More results

Similar Description - HPL5331

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
3A Bus Termination Regulator
logo
Micro Linear Corporatio...
ML6554 MICRO-LINEAR-ML6554 Datasheet
168Kb / 14P
3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516 Datasheet
139Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
3A BUS TERMINATION REGULATOR
logo
Anpec Electronics Corop...
APL5331 ANPEC-APL5331_08 Datasheet
714Kb / 23P
3A Bus Termination Regulator
APL5333 ANPEC-APL5333 Datasheet
443Kb / 16P
3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516_15 Datasheet
245Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516A UTC-UR5516A_16 Datasheet
227Kb / 8P
3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C_15 Datasheet
236Kb / 8P
3A BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com