Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2605IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2605IGN
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2605IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2605IGN Datasheet HTML 3Page - Linear Technology LTC2605IGN Datasheet HTML 4Page - Linear Technology LTC2605IGN Datasheet HTML 5Page - Linear Technology LTC2605IGN Datasheet HTML 6Page - Linear Technology LTC2605IGN Datasheet HTML 7Page - Linear Technology LTC2605IGN Datasheet HTML 8Page - Linear Technology LTC2605IGN Datasheet HTML 9Page - Linear Technology LTC2605IGN Datasheet HTML 10Page - Linear Technology LTC2605IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC2605/LTC2615/LTC2625
2605f
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2605/LTC2615/LTC2625
Current Limiting
Gain Error vs Temperature
Offset Error vs VCC
Zero-Scale Error vs Temperature
ICC Shutdown vs VCC
Gain Error vs VCC
Load Regulation
Offset Error vs Temperature
IOUT (mA)
–40 –30 –20 –10
0
10
20
30
40
2605 G15
0.10
0.08
0.06
0.04
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
VREF = VCC = 5V
VREF = VCC = 3V
VREF = VCC = 5V
VREF = VCC = 3V
CODE = MIDSCALE
IOUT (mA)
–35
–25
–15
–5
5
15
25
35
2606 G16
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VREF = VCC = 5V
CODE = MIDSCALE
VREF = VCC = 3V
TEMPERATURE (
°C)
–50
–30
–10
10
30
50
70
90
2605 G17
3
2
1
0
–1
–2
–3
TEMPERATURE (
°C)
–50
–30
–10
10
30
50
70
90
2605 G18
3
2.5
2.0
1.5
1.0
0.5
0
TEMPERATURE (
°C)
–50
–30
–10
10
30
50
70
90
2605 G19
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
VCC (V)
2.5
3
3.5
4
4.5
5
5.5
2605 G20
3
2
1
0
–1
–2
–3
VCC (V)
2.5
3
3.5
4
4.5
5
5.5
2605 G21
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
VCC (V)
2.5
3
3.5
4
4.5
5
5.5
2605 G22
450
400
350
300
250
200
150
100
50
0
Large-Signal Response
2.5
µs/DIV
VOUT
0.5V/DIV
2605 G23
VREF = VCC = 5V
1/4-SCALE TO 3/4-SCALE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com