Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2605IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2605IGN
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2605IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC2605IGN Datasheet HTML 1Page - Linear Technology LTC2605IGN Datasheet HTML 2Page - Linear Technology LTC2605IGN Datasheet HTML 3Page - Linear Technology LTC2605IGN Datasheet HTML 4Page - Linear Technology LTC2605IGN Datasheet HTML 5Page - Linear Technology LTC2605IGN Datasheet HTML 6Page - Linear Technology LTC2605IGN Datasheet HTML 7Page - Linear Technology LTC2605IGN Datasheet HTML 8Page - Linear Technology LTC2605IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC2605/LTC2615/LTC2625
2605f
TI I G CHARACTERISTICS The ● denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (See Figure 1) (Notes 8, 9)
Note 1: Absolute maximum ratings are those values beyond which the life
of a device may be impaired.
Note 2: Linearity and monotonicity are defined from code kL to code
2N – 1, where N is the resolution and kL is given by kL = 0.016(2N/VREF),
rounded to the nearest whole code. For VREF = 4.096V and N = 16,
kL = 256 and linearity is defined from code 256 to code 65,535.
Note 3: SDA, SCL at 0V or VCC, CA0, CA1 and CA2 floating.
Note 4: Inferred from measurement at code 256 (LTC2605/LTC2605-1),
code 64 (LTC2615/LTC2615-1) or code 16 (LTC2625/LTC2625-1) and
at full scale.
Note 5: VCC = 5V, VREF = 4.096V. DAC is stepped 1/4 scale to 3/4 scale
and 3/4 scale to 1/4 scale. Load is 2k
Ω in parallel with 200pF to GND.
Note 6: VCC = 5V, VREF = 4.096V. DAC is stepped ±1LSB between half
scale and half scale – 1. Load is 2k
Ω in parallel with 200pF to GND.
Note 7: CB = capacitance of one bus line in pF.
Note 8: All values refer to VIH(MIN) and VIL(MAX) levels.
Note 9: These specifications apply to LTC2605/LTC2605-1, LTC2615/
LTC2615-1 and LTC2625/LTC2625-1.
Note 10: DC Crosstalk is measured with VCC = 5V and VREF = 4096V, with
the measured DAC at midscale, unless otherwise noted.
Note 11: RL = 2kΩ to GND or VCC.
Note 12: Guaranteed by design and not production tested.
ELECTRICAL C
C
HARA TERISTICS The ● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. REF = 4.096V (VCC = 5V), REF = 2.048V (VCC = 2.7V), VOUT unloaded,
unless otherwise noted.
LTC2625/-1
LTC2615/-1
LTC2605/-1
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
AC Performance
tS
Settling Time (Note 5)
±0.024% (±1LSB at 12 Bits)
7
7
7
µs
±0.006% (±1LSB at 14 Bits)
9
9
µs
±0.0015% (±1LSB at 16 Bits)
10
µs
Settling Time for 1LSB Step
±0.024% (±1LSB at 12 Bits)
2.7
2.7
2.7
µs
(Note 6)
±0.006% (±1LSB at 14 Bits)
4.8
4.8
µs
±0.0015% (±1LSB at 16 Bits)
5.2
µs
Voltage Output Slew Rate
0.80
0.80
0.80
V/
µs
Capacitive Load Driving
1000
1000
1000
pF
Glitch Impulse
At Midscale Transition
12
12
12
nV • s
Multiplying Bandwidth
180
180
180
kHz
en
Output Voltage Noise Density
At f = 1kHz
120
120
120
nV/
√Hz
At f = 10kHz
100
100
100
nV/
√Hz
Output Voltage Noise
0.1Hz to 10Hz
15
15
15
µVP-P
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 2.7V to 5.5V
fSCL
SCL Clock Frequency
●
0
400
kHz
tHD(STA)
Hold Time (Repeated) Start Condition
●
0.6
µs
tLOW
Low Period of the SCL Clock Pin
●
1.3
µs
tHIGH
High Period of the SCL Clock Pin
●
0.6
µs
tSU(STA)
Set-Up Time for a Repeated Start Program
●
0.6
µs
tHD(DAT)
Data Hold Time
●
0
0.9
µs
tSU(DAT)
Data Set-Up Time
●
100
ns
tr
Rise Time of Both SDA and SCL Signals
(Note 7)
● 20 + 0.1CB
300
ns
tf
Fall Time of Both SDA and SCL Signals
(Note 7)
● 20 + 0.1CB
300
ns
tSU(STO)
Set-Up Time for Stop Condition
●
0.6
µs
tBUF
Bus Free Time Between a Stop and Start Condition
●
1.3
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com