Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2605IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2605IGN
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2605IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2605IGN Datasheet HTML 8Page - Linear Technology LTC2605IGN Datasheet HTML 9Page - Linear Technology LTC2605IGN Datasheet HTML 10Page - Linear Technology LTC2605IGN Datasheet HTML 11Page - Linear Technology LTC2605IGN Datasheet HTML 12Page - Linear Technology LTC2605IGN Datasheet HTML 13Page - Linear Technology LTC2605IGN Datasheet HTML 14Page - Linear Technology LTC2605IGN Datasheet HTML 15Page - Linear Technology LTC2605IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC2605/LTC2615/LTC2625
2605f
The command (C3-C0) and address (A3-A0) assignments
are shown in Table 1. The first four commands in the table
consist of write and update operations. A write operation
loads the 16-bit data word from the 32-bit shift register
into the input register of the selected DAC, n. An update
operation copies the data word from the input register to
the DAC register. Once copied into the DAC register, the
data word becomes the active 16-, 14- or 12-bit input
code, and is converted to an analog voltage at the DAC
output. The update operation also powers up the selected
DAC if it had been in power-down mode. The data path and
registers are shown in the block diagram.
Table 2. Slave Address Map
CA2
CA1
CA0
SA6
SA5
SA4
SA3
SA2
SA1
SA0
GND
GND
GND
0010000
GND
GND
FLOAT
0010001
GND
GND
VCC
0010010
GND
FLOAT
GND
0010011
GND
FLOAT FLOAT
0100000
GND
FLOAT
VCC
0100001
GND
VCC
GND
0100010
GND
VCC
FLOAT
0100011
GND
VCC
VCC
0110000
FLOAT
GND
GND
0110001
FLOAT
GND
FLOAT
0110010
FLOAT
GND
VCC
0110011
FLOAT FLOAT
GND
1000000
FLOAT FLOAT FLOAT
1000001
FLOAT FLOAT
VCC
1000010
FLOAT
VCC
GND
1000011
FLOAT
VCC
FLOAT
1010000
FLOAT
VCC
VCC
1010001
VCC
GND
GND
1010010
VCC
GND
FLOAT
1010011
VCC
GND
VCC
1100000
VCC
FLOAT
GND
1100001
VCC
FLOAT FLOAT
1100010
VCC
FLOAT
VCC
1100011
VCC
VCC
GND
1110000
VCC
VCC
FLOAT
1110001
VCC
VCC
VCC
1110010
GLOBAL ADDRESS
1110011
Power Down Mode
For power-constrained applications, power-down mode
can be used to reduce the supply current whenever less
than eight outputs are needed. When in power-down, the
buffer amplifiers and reference inputs are disabled and
draw essentially zero current. The DAC outputs are put into
a high-impedance state, and the output pins are passively
pulled to ground through individual 90k resistors. When
all eight DACs are powered down, the bias generation
circuit is also disabled. Input- and DAC- registers are not
disturbed during power-down.
Any channel or combination of channels can be put into
power-down mode by using command 0100b in
combination with the appropriate DAC address, (n). The
16-bit data word is ignored. The supply and reference
currents are reduced by approximately 1/8 for each DAC
powered down; the effective resistance at REF (Pin 6) rises
accordingly, becoming a high-impedance input (typically
>1G
Ω) when all eight DACs are powered down.
Normal operation can be resumed by executing any com-
mand which includes a DAC update, as shown in Table 1.
The selected DAC is powered up as its voltage output
is updated.
There is an initial delay as the DAC powers up before it
begins its usual settling behavior. If less than eight DACs
are in a powered-down state prior to the updated
command, the power-up delay is 5
µs. If, on the other
hand, all eight DACs are powered down, then the bias
generation circuit is also disabled and must be restarted.
In this case, the power-up delay is greater: 12
µs for
VCC = 5V, 30µs for VCC = 3V.
Voltage Outputs
Each of the eight rail-to-rail amplifiers contained in these
parts has guaranteed load regulation when sourcing or
sinking up to 15mA at 5V (7.5mA at 3V).
Load regulation is a measure of the amplifier’s ability
to maintain the rated voltage accuracy over a wide range
of load conditions. The measured change in output voltage
per milliampere of forced load current change is
expressed in LSB/mA.
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com