Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2605IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2605IGN
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2605IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2605IGN Datasheet HTML 7Page - Linear Technology LTC2605IGN Datasheet HTML 8Page - Linear Technology LTC2605IGN Datasheet HTML 9Page - Linear Technology LTC2605IGN Datasheet HTML 10Page - Linear Technology LTC2605IGN Datasheet HTML 11Page - Linear Technology LTC2605IGN Datasheet HTML 12Page - Linear Technology LTC2605IGN Datasheet HTML 13Page - Linear Technology LTC2605IGN Datasheet HTML 14Page - Linear Technology LTC2605IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC2605/LTC2615/LTC2625
2605f
OPERATIO
Acknowledge
The Acknowledge signal is used for handshaking between
the master and the slave. An Acknowledge (active LOW)
generated by the slave lets the master know that the latest
byte of information was received. The Acknowledge
related clock pulse is generated by the master. The master
releases the SDA line (HIGH) during the Acknowledge
clock pulse. The slave-receiver must pull down the SDA
during the Acknowledge clock pulse so that it remains a
stable LOW during the HIGH period of this clock pulse. The
LTC2605/LTC2615/LTC2625 respond to a write by a mas-
ter in this manner. The LTC2605/LTC2615/LTC2625 do
not acknowledge a read (it retains SDA HIGH during the
period of the Acknowledge clock pulse).
Chip Address
The state of CA0, CA1 and CA2 decides the slave address
of the part. The pins CA0, CA1 and CA2 can be each set to
any one of three states: VCC, GND or FLOAT. This results
in 27 selectable addresses for the part. The addresses
corresponding to the states of CA0, CA1 and CA2 and the
global address are shown in Table 2.
In addition to the address selected by the address pins, the
parts also respond to a global address. This address allows
a common write to all LTC2605, LTC2615 and LTC2625
parts to be accomplished with one 3-byte write transaction
on the I2C bus. The global address is a 7-bit hardwired
address and is not selectable by CA0, CA1 and CA2. The
maximum capacitive load allowed on the address pins
(CA0, CA1 and CA2) is 10pF.
Write Word Protocol
The master initiates communication with the LTC2605/
LTC2615/LTC2625 with a START condition and a 7-bit
slave address followed by the Write bit (W) = 0. The
LTC2605/LTC2615/LTC2625 acknowledges by pulling the
SDA pin low at the 9th clock if the 7-bit slave address
matches the address of the parts (set by CA0, CA1 and
CA2) or the global address. The master then transmits
three bytes of data. The LTC2605/LTC2615/LTC2625
acknowledges each byte of data by pulling the SDA line low
at the 9th clock of each data byte transmission. After
receiving three complete bytes of data, the LTC2605/
LTC2615/LTC2625 executes the command specified in
the 24-bit input word.
If more than three data bytes are transmitted after a valid
7-bit slave address, the LTC2605/LTC2615/LTC2625 do
not acknowledge the extra bytes of data (SDA is high
during the 9th clock).
The format of the three data bytes is shown in Figure 2. The first
byte of the input word consists of the 4-bit command and 4-
bit DAC address. The next two bytes consist of the 16-bit data
word. The 16-bit data word consists of the 16-, 14- or 12-bit
input code, MSB to LSB, followed by 0, 2 or 4 don’t care bits
(LTC2605, LTC2615 and LTC2625 respectively). A typical I2C
write transaction is shown in Figure 3.
S
INPUT WORD
WRITE WORD PROTOCOL FOR LTC2605/LTC2615/LTC2625
INPUT WORD (LTC2605)
SLAVE ADDRESS
W
A
A
1ST DATA BYTE
2ND DATA BYTE
A
3RD DATA BYTE
AP
2605/2615/2625 O01
1ST DATA BYTE
2ND DATA BYTE
3RD DATA BYTE
1ST DATA BYTE
2ND DATA BYTE
3RD DATA BYTE
1ST DATA BYTE
2ND DATA BYTE
3RD DATA BYTE
C3
C2
C1
C0
A3
A2
A1
A0
D13
D14
D15
D12 D11 D10 D9
D8
D7 D6
D5
D4
D3
D2
D1 D0
INPUT WORD (LTC2615)
C3
C2
C1
C0
A3
A2
A1
A0
D11
D12
D13
D10 D9
D8
D7
D6
D5 D4
D3
D2
D1
D0
X
X
INPUT WORD (LTC2625)
C3
C2
C1
C0
A3
A2
A1
A0
D9
D10
D11
D8
D7
D6
D5
D4
D3 D2
D1
D0
X
X
X
X
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com