Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWN Datasheet(PDF) 16 Page - IXYS Corporation

Part # DWN
Description  Rectifier Diodes & FRED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DWN Datasheet(HTML) 16 Page - IXYS Corporation

Back Button DWN Datasheet HTML 12Page - IXYS Corporation DWN Datasheet HTML 13Page - IXYS Corporation DWN Datasheet HTML 14Page - IXYS Corporation DWN Datasheet HTML 15Page - IXYS Corporation DWN Datasheet HTML 16Page - IXYS Corporation DWN Datasheet HTML 17Page - IXYS Corporation DWN Datasheet HTML 18Page - IXYS Corporation DWN Datasheet HTML 19Page - IXYS Corporation DWN Datasheet HTML 20Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
28
© 2004 IXYS All rights reserved
Schottky Diodes
Type
VRRM
TVJM
RthJC 1
IRM
trr
typ.
25°C
25°C
typ.
V°C
K/W
V
A
ns
A
DWS 39-08D
8
145
1)
150
145
1)
0.8
0.31
0.18
60
1000
tbd
tbd
50
200
DWS 9-15B
15
tbd
150
tbd
1.7
0.40
0.28
10
160
tbd
tbd
tbd
tbd
DWS 19-15B
65
1)
150
65
1)
1.4
0.39
0.24
20
350
tbd
tbd
20
200
DWS 29-15B
98
1)
150
98
1)
1.1
0.39
0.25
40
660
tbd
tbd
40
200
DWS 7-30B
30
tbd
tbd
tbd
tbd
0.63
0.43
10
tbd
tbd
tbd
tbd
tbd
DWS 17-30B
tbd
150
tbd
1.4
tbd
tbd
20
330
2.40
tbd
20
200
DWS 27-30B
82
1)
150
82
1)
1.1
0.42
0.29
40
520
tbd
tbd
40
200
DWS 37-30B
102
1)
150
102
1)
0.8
0.40
0.27
40
800
tbd
tbd
50
200
DWS 217-30B
65
1)
150
65
1)
1.2
0.41
0.30
28
420
5.50
tbd
30
200
DWS 3-45B
45
28
1)
150
28
1)
1.7
0.48
0.41
10
160
1.00
tbd
10
200
DWS 4-45A
32
175
32
1.7
0.66
0.50
10
140
1.00
tbd
10
200
DWS 13-45B
42
1)
150
42
1)
1.4
0.48
0.41
20
320
1.40
tbd
20
200
DWS 14-45A
47
175
47
1.4
0.66
0.50
20
280
1.50
tbd
20
200
DWS 23-45B
63
1)
150
63
1)
1.1
0.48
0.42
40
640
2.00
tbd
40
200
DWS 24-45A
68
175
68
1.1
0.66
0.50
40
550
2.00
tbd
40
200
DWS 33-45B
89
1)
150
89
1)
0.8
0.48
0.41
60
900
2.60
tbd
50
200
DWS 34-45A
95
175
95
0.8
0.66
0.51
60
800
2.50
tbd
50
200
1 Mounted on DCB
TC = 125°C
mA
A
1) = 100°C
IR
VRRM
125°C
1) = 100°C
rect. d = 0.5
IF(AV)M
@IF
@-di/dt
Reverse Recovery
TVJ =
@IF
A version: 150°C
VA
A
VF
IFSM
A/µs
B version: 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com