Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWN Datasheet(PDF) 20 Page - IXYS Corporation

Part # DWN
Description  Rectifier Diodes & FRED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DWN Datasheet(HTML) 20 Page - IXYS Corporation

Back Button DWN Datasheet HTML 14Page - IXYS Corporation DWN Datasheet HTML 15Page - IXYS Corporation DWN Datasheet HTML 16Page - IXYS Corporation DWN Datasheet HTML 17Page - IXYS Corporation DWN Datasheet HTML 18Page - IXYS Corporation DWN Datasheet HTML 19Page - IXYS Corporation DWN Datasheet HTML 20Page - IXYS Corporation DWN Datasheet HTML 21Page - IXYS Corporation DWN Datasheet HTML 22Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
32
© 2004 IXYS All rights reserved
Phase Control Thyristors
Type
VDRM
TVJM
RthJC 1
VRRM
dv/dt
@tp
max.
150°C
V
°C
K/W
V
V/µs
mA
µs
CWP 7-CG
800 -
5
125
15
1)
1.7
1.55
1.41
20
200
tbd
tbd
tbd
50
75
10
CWP 8
1200
4
150
tbd
1.7
1.53
1.53
44
300
60
20
16
40
100
10
CWP 8-CG
4
150
tbd
1.7
1.53
1.53
44
300
60
20
16
80
100
10
CWP 35
20
150
tbd
0.7
1.46
1.49
150
1200
100
10
50
80
100
10
CWP 16-CG
1200 -
8
150
25
1.2
1.40
1.41
45
400
150
10
11
100
150
10
CWP 21-CG
1600 -
12
61
1.1
1.56
1.57
80
520
150
20
15
100
150
10
CWP 22-CG
12
36
0.9
1.55
1.57
80
520
150
15
20
100
450
10
CWP 24
20
tbd
0.9
1.33
tbd
60
600
60
20
25
100
200
10
CWP 25-CG
20
tbd
0.9
1.33
1.31
60
600
60
20
25
100
200
10
CWP 41
1200 -
20
125
0.5
1.53
1.58
200
1150
150
20
120
200
450
10
CWP 50
1800
20
tbd
0.6
1.38
1.38
200
1500
150
20
150
200
450
10
CWP 55
20
tbd
0.5
1.29
1.26
200
1900
150
20
150
200
450
10
CWP 71
20
tbd
0.4
1.35
1.35
300
2400
185
20
150
200
450
10
CWP 130
30
204
0.2
1.21
1.16
350
4750
150
20
160
200
300
30
CWP 180
40
372
0.2
1.22
1.17
450
5200
150
20
300
200
300
30
CWP 341
40
tbd
0.2
1.21
1.17
600
7000
200
50
300
150
200
30
CWP 347
60
540
0.1
1.17
1.11
600
9500
200
50
300
150
200
30
CWP 69
1600 -
20
tbd
0.2
1.55
tbd
300
1700
185
20
150
150
200
30
CWP 339
2200
40
tbd
0.2
1.26
tbd
300
6000
150
20
160
150
200
30
CWP 345
60
520
0.1
1.34
1.34
600
8000
200
50
300
150
200
30
1 MountedonDCB
rect. d = 0.5
TVJ =
@IT
non-rep.
IT(AV)M
VT
ITSM
TC = 100°C
25°C
tp = 10ms
A
A
1) = 75°C
AV
A
IL
@IT
TVJ = 25°C
VR = 100V, VD =
2/
3 VDRM
tp = 200µs, di/dt = -10A/µs
TVJ = TVJM
µs
mA
IH
RGK = ∝
VD = 6 V
TVJ = 25°C
ns
tq
IR
VRRM
TVJ M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com