Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWN Datasheet(PDF) 10 Page - IXYS Corporation

Part # DWN
Description  Rectifier Diodes & FRED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DWN Datasheet(HTML) 10 Page - IXYS Corporation

Back Button DWN Datasheet HTML 6Page - IXYS Corporation DWN Datasheet HTML 7Page - IXYS Corporation DWN Datasheet HTML 8Page - IXYS Corporation DWN Datasheet HTML 9Page - IXYS Corporation DWN Datasheet HTML 10Page - IXYS Corporation DWN Datasheet HTML 11Page - IXYS Corporation DWN Datasheet HTML 12Page - IXYS Corporation DWN Datasheet HTML 13Page - IXYS Corporation DWN Datasheet HTML 14Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
22
© 2004 IXYS All rights reserved
Low Leakage Fast Recovery Epitaxial Diodes
Type
VRRM
IR
TVJM
RthJC 1
VRRM
IRM
@-di/dt
trr
@IF
TVJ M
typ.
25°C; VR = 100 V
VR = 30 V
V
mA
°C
K/W
A
typ. ns
A
DWLP 4-02
200
0.20
175
14
2.50
1.21
0.75
5
80
2.4
10
100
25
1
50
DWLP 15-02
0.50
29
1.60
0.99
0.74
12
140
2.4
25
100
25
1
100
DWLP 15-02B
0.50
25
1.60
1.13
0.78
12
140
1.1
25
100
25
1
100
DWLP 25-02
0.20
46
0.90
1.10
0.80
30
325
2.0
50
100
25
1
200
DWLP 4-03
300
0.20
13
2.80
1.63
0.96
5
40
1.3
10
100
30
1
50
DWLP 8-03
0.25
15
2.50
1.45
0.95
6
60
1.4
12
100
30
1
50
DWLP 15-03
0.50
25
1.60
1.44
0.94
12
110
1.4
25
100
30
1
100
DWLP 15-03A
0.50
29
1.60
1.26
0.60
12
110
1.4
25
100
30
1
100
DWLP 23-03
1.00
51
0.90
1.19
0.77
30
300
3.0
50
100
30
1
200
DWLP 23-03A
1.00
41
0.90
1.49
0.99
30
300
1.9
50
100
25
1
200
DWLP 55-03
2.50
72
0.65
1.42
0.91
60
600
2.8
130
100
30
1
300
DWLP 75-03
4.00
117
0.40
1.43
0.92
100
1000
3.2
200
100
30
1
400
DWLP 8-04
400
0.25
14
2.50
1.40
0.91
6
60
1.4
12
100
30
1
50
DWLP 15-04
0.50
24
1.60
1.40
0.90
12
110
2.5
25
100
30
1
100
DWLP 23-04
1.00
46
0.90
1.43
0.93
30
300
2.5
50
100
30
1
200
DWLP 55-04
2.50
67
0.65
1.12
0.81
60
600
3.5
130
100
30
1
300
DWLP 75-04
4.00
117
0.40
1.39
0.89
100
1000
4.0
200
100
30
1
400
DWLP 150-04
8.50
148
0.35
6.14
9.72
300
1200
9.5
200
100
30
1
800
DWLP 4-06
600
0.20
11
2.80
1.97
1.14
5
40
2.6
10
100
30
1
50
DWLP 8-06A
0.25
12
2.50
1.95
1.13
6
50
2.6
12
100
35
1
50
DWLP 8-06B
0.25
11
2.50
2.39
1.25
6
50
1.4
12
100
30
1
50
DWLP 15-06A
0.50
21
1.60
1.95
1.12
12
110
2.9
25
100
35
1
100
DWLP 15-06B
0.50
16
1.60
2.38
1.23
12
110
1.5
25
100
35
1
100
DWLP 23-06A
1.00
40
0.90
1.54
1.10
30
250
3.5
50
100
35
1
200
DWLP 23-06B
2.00
30
0.90
2.45
1.35
30
250
2.0
50
100
30
1
200
DWLP 55-06
2.50
62
0.65
1.92
1.10
60
600
4.0
130
100
35
1
300
DWLP 75-06
4.00
99
0.40
1.93
1.11
100
1000
4.5
200
100
35
1
400
DWLP 8-12
1200
0.25
9
2.50
2.61
1.46
6
40
5.0
12
100
40
1
50
DWLP 15-12
0.50
14
1.60
2.45
1.52
12
90
5.7
25
100
40
1
100
DWLP 23-12
1.00
29
0.90
2.68
1.52
30
200
6.7
50
100
40
1
200
DWLP 55-12
2.50
48
0.65
2.54
1.40
60
500
7.0
130
100
40
1
300
DWLP 75-12
4.00
78
0.40
2.56
1.42
100
800
7.4
200
100
40
1
400
1 MountedonDCB
Reverse Recovery
@-di/dt
@IF
175°C
TVJ =
VF
V
@IF
IFSM
IF(AV)M
rect. d = 0.5
TC= 100°C
A
A/µs
25°C
VA
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com