Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWN Datasheet(PDF) 5 Page - IXYS Corporation

Part # DWN
Description  Rectifier Diodes & FRED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DWN Datasheet(HTML) 5 Page - IXYS Corporation

  DWN Datasheet HTML 1Page - IXYS Corporation DWN Datasheet HTML 2Page - IXYS Corporation DWN Datasheet HTML 3Page - IXYS Corporation DWN Datasheet HTML 4Page - IXYS Corporation DWN Datasheet HTML 5Page - IXYS Corporation DWN Datasheet HTML 6Page - IXYS Corporation DWN Datasheet HTML 7Page - IXYS Corporation DWN Datasheet HTML 8Page - IXYS Corporation DWN Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
IXYS reserves the right to change limits, test conditions and dimensions
FRED, Rectifier Diode and Thyristor Chips in Planar Design
Fast Recovery Epitaxial Diodes (FRED)
Power switches (IGBT, MOSFET, BJT, GTO) for applications in electronics are only as good as their associated free-wheeling
diodes. At increasing switching frequencies, the proper functioning and efficiency of the power switch, aside from conduction losses,
is determined by the turn-off behavior of the diode (characterized by Q
rr, IRM and trr - Fig. 1.
Rectifier Diode and Thyristor Chips
The figures 3 a-c show cross sectional views of the diode and thyristor
chips in the passivation area. All thyristor and diode chips (DWN, DWFN,
CWP) are fabricated using separation diffusion processes so that all
junctions terminate on the topside of the chip. Now the entire bottom
surfaces of all chips are available for soldering onto a DCB or other ceramic
substrate without a molybdenum strain buffer. The elimination of the strain
buffer and its solder joint reduces thermal resistance and increases
blocking voltage stability. The junction termination areas are passivated
with glass, whose thermal expansion coefficient matches that of silicon. All
silicon chips increasingly use planar technology with guard rings and
channel stoppers to reduce electric fields on the chip surface.
The contact areas of the chips have vapor deposited metal layers which
contribute substantially to their high power cycle capability. All chips are
processed on silicon wafers of 5" diameter and diced after a wafer sample
test which auto-matically marks chips not meeting the electrical specification.
The chip geometry is square or rectangular.
Fig. 3a-c
Cross sections of Chips in the passivation area
a) Diode chip, type DWN, DWFN
b) Diode chip, type DWP, DWFP
c) Thyristor chip, type CWP
The reverse current character-istic following the peak reverse current I
RM is
another very im-portant property. The slope of the decaying reverse current
di
rr/dt results from design para- meters (technology and dif-fusion of the
FRED chip Fig. 2. In a circuit this current slope, in conjunction with parasitic
induc-tances (e.g. connecting leads, causes over-voltage spikes and high
frequency interference vol-tages.The higher the di
rr/dt
("hard recovery" or
"snap-off" behavior) the higher is the resulting additional stress for both the
diode and the paralleled switch. A slow decay of the reverse current ("soft
recovery" behavior), is the most desirable characteristic, and this is designed
into all FRED. The wide range of available blocking voltages makes it
possible to apply these FRED as output rectifiers in switch-mode power
supplies (SMPS) as well as protective and free-wheeling diodes for power
switches in inverters and welding power supplies.
Metalization
Fig. 1: Current and voltage during turn-on and
turn-off switching of fast diodes
Fig. 2: Cross section of glassivated planar epitaxial
diode chip with seperation diffusion (type DWEP)
E pitax ie S ch ich t n -
S ubstrat n+
Katho de
Ano de
Guard ring
Substrate n+
Epitaxy layer n-
Cathode
Anode
Glasspassivation
p
n
n+
Glasspassivation
Guard ring
Metalization
Fig. 3b)
Metalization
Channel-
stopper
Glasspassivation
Guard ring
Emitter
Fig. 3c)
Glasspassivation
Metalization
Fig. 3a)
Chip-Shortform2004.pmd
26.10.2004, 12:44
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com