Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2321 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM2321
Description  FAST TRANSIENT 2A STEP-DOWN CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2321 Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM2321 Datasheet HTML 1Page - Diodes Incorporated PAM2321 Datasheet HTML 2Page - Diodes Incorporated PAM2321 Datasheet HTML 3Page - Diodes Incorporated PAM2321 Datasheet HTML 4Page - Diodes Incorporated PAM2321 Datasheet HTML 5Page - Diodes Incorporated PAM2321 Datasheet HTML 6Page - Diodes Incorporated PAM2321 Datasheet HTML 7Page - Diodes Incorporated PAM2321 Datasheet HTML 8Page - Diodes Incorporated PAM2321 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PAM2321
Document number: DSxxxxx Rev. 2 - 1
4 of 11
www.diodes.com
January 2013
© Diodes Incorporated
PAM2321
A Product Line of
Diodes Incorporated
Electrical Characteristics
(@TA = +25°C, VIN = 3.3V, VOUT = 1.2V, CIN = 10µF, CO = 10µF, L = 0.47µH, unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2.7
3.3
5.5
V
UVLO Threshold
VUVLO
VIN Rising
2.6
2.7
V
Hysteresis
250
mV
VIN Falling
2
V
Output Voltage Range
VOUT
1
1.2
VIN
V
Output Voltage Accuracy
VOUT
IO = 0mA
-3.0
+3.0
%
Regulated Feedback Voltage
VFB
No Load
0.588
0.600
0.612
V
PMOS Current Limit
ILIM
3.0
A
Output Voltage Line Regulation
LNR
VIN = 3.3V to 4V
0.3
%/V
Output Voltage Load Regulation
LDR
IO = 1mA to 2A
1
%/A
Quiescent Current
IQ
No Load
55
90
µA
Shutdown Current
ISD
VEN = 0V
1
µA
Oscillator Frequency
fOSC
3
MHz
Drain-Source On-State Resisitance
RDS(ON)
IDS = 100mA
P MOSFET
130
mΩ
N MOSFET
90
mΩ
SW Leakage Current
ILSW
1
µA
Start-Up Time
tS
VIN = 3.3V, VO = 1.2V
200
µs
PSM Threshold
ITH
200
mA
EN Threshold High
VEH
1.4
V
EN Threshold Low
VEL
0.4
V
EN Leakage Current
IEN
±0.01
µA
Over Temperature Protection
OTP
150
°C
OTP Hysteresis
OTH
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com