Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2321 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM2321
Description  FAST TRANSIENT 2A STEP-DOWN CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2321 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM2321 Datasheet HTML 1Page - Diodes Incorporated PAM2321 Datasheet HTML 2Page - Diodes Incorporated PAM2321 Datasheet HTML 3Page - Diodes Incorporated PAM2321 Datasheet HTML 4Page - Diodes Incorporated PAM2321 Datasheet HTML 5Page - Diodes Incorporated PAM2321 Datasheet HTML 6Page - Diodes Incorporated PAM2321 Datasheet HTML 7Page - Diodes Incorporated PAM2321 Datasheet HTML 8Page - Diodes Incorporated PAM2321 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PAM2321
Document number: DSxxxxx Rev. 2 - 1
2 of 11
www.diodes.com
January 2013
© Diodes Incorporated
PAM2321
A Product Line of
Diodes Incorporated
Typical Applications Circuit
(
)
2
R
/
1
R
1
*
6
.
0
VOUT
+
=
Pin Descriptions
Pin
Name
Function
PGND Main power ground return pin. Connect to the output and input capacitor return.
PVIN
Input power supply tied to the source of the high side P-Channel MOSFET.
VIN
Power supply; supplies power for the internal circuitry.
FB
Feedback input pin. This pin is connected directly to the converter output for the 1.2V fixed output version, or connected to an
external resistor divider for the adjustable output version.
AGND Analog ground. This pin is internally connected to the analog ground of the control circuitry.
EN
Enable pin. A logic low disables the converter and it consumes less than 1μA of current. When connected high, it resumes normal
operation.
SW
Switching node. Connect the inductor to this pin. It is internally connected to the drain of both high and low side MOSFETs.
EP
Exposed pad of the package provides both electrical contact to the ground and good thermal
contact to the PCB. This pad must be soldered to the PCB for proper operation.
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com