Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2321 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # PAM2321
Description  FAST TRANSIENT 2A STEP-DOWN CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2321 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button PAM2321 Datasheet HTML 3Page - Diodes Incorporated PAM2321 Datasheet HTML 4Page - Diodes Incorporated PAM2321 Datasheet HTML 5Page - Diodes Incorporated PAM2321 Datasheet HTML 6Page - Diodes Incorporated PAM2321 Datasheet HTML 7Page - Diodes Incorporated PAM2321 Datasheet HTML 8Page - Diodes Incorporated PAM2321 Datasheet HTML 9Page - Diodes Incorporated PAM2321 Datasheet HTML 10Page - Diodes Incorporated PAM2321 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PAM2321
Document number: DSxxxxx Rev. 2 - 1
10 of 11
www.diodes.com
January 2013
© Diodes Incorporated
PAM2321
A Product Line of
Diodes Incorporated
Marking Information
A/B : Pin Configuration
X
: Internal Code
Y
: Year
W : Week
Package Outline Dimensions (All dimensions in mm.)
TDFN3x3-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com