Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2321 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM2321
Description  FAST TRANSIENT 2A STEP-DOWN CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2321 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM2321 Datasheet HTML 1Page - Diodes Incorporated PAM2321 Datasheet HTML 2Page - Diodes Incorporated PAM2321 Datasheet HTML 3Page - Diodes Incorporated PAM2321 Datasheet HTML 4Page - Diodes Incorporated PAM2321 Datasheet HTML 5Page - Diodes Incorporated PAM2321 Datasheet HTML 6Page - Diodes Incorporated PAM2321 Datasheet HTML 7Page - Diodes Incorporated PAM2321 Datasheet HTML 8Page - Diodes Incorporated PAM2321 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PAM2321
Document number: DSxxxxx Rev. 2 - 1
1 of 11
www.diodes.com
January 2013
© Diodes Incorporated
PAM2321
A Product Line of
Diodes Incorporated
3MHz, FAST TRANSIENT 2A STEP-DOWN CONVERTER
Description
The PAM2321 is a 2A step-down converter with a typical input
voltage of 3.3V and a fixed output voltage of 1.2V or an adjustable
output. The 3MHz switching frequency enables the use of small
external components. The ultra-small 3mmx3mm footprint and high
efficiency make the PAM2321 an ideal choice for portable
applications.
The PAM2321 delivers 2A maximum output current while consuming
only 55µA no-load quiescent current. Low RDS(ON) integrated
MOSFETs and 100% duty cycle operation make the PAM2321 the
ideal choice for high output voltage, high current applications which
require a low dropout threshold.
The PAM2321 provides excellent transient response and output
accuracy across the operating range.
The PAM2321 maintains high efficiency throughout the load range.
The PAM2321 automatically optimizes efficiency during light load
mode (PSM) and maintains constant frequency and low output ripple
during PWM mode.
Over-temperature and short circuit protection safeguard the PAM2321
and system components from damage.
The PAM2321 are available in Pb-free, ultrasmall, low profile,
TDFN3X3-10 package. The product is rated over a temperature range
of -40°C to +85°C.
Features
•
2A Maximum Output Current
•
Tiny 0.47µH Chip Inductor
•
Excellent Transient Response
•
Input Voltage: 2.7V to 5.5V
•
Fixed or Adjustable Output Voltage Options:
Fixed Output Voltage: 1.2V
Adjustable Output Voltage: 1.0V to VIN
•
High Efficiency with 3MHz Switching Frequency
•
55µA No Load Quiescent Current
•
100% Duty Cycle Low-Dropout Operation
•
Internal Soft-Start
•
Over-Temperature and Current Limit Protection
•
<1µA Shutdown Current
•
-40°C to +85°C Temperature Range
•
Pb-Free/Halogen Free Package
•
RoHS/REACH Compliant
Pin Assignments
Applications
•
Cellular Phone
•
Digital Cameras
•
Hard Disk Drives
•
MP3 Players
•
PDAs and Handheld Computers
•
Portable Media Players
•
USB Devices
•
Wireless Network Cards


Similar Part No. - PAM2321

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2321 PAM-PAM2321 Datasheet
525Kb / 11P
3MHz,Fast Transient 2A Step-Down Converter
More results

Similar Description - PAM2321

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1110 ANALOGICTECH-AAT1110_06 Datasheet
698Kb / 19P
Fast Transient 800mA Step-Down Converter
AAT1141 ANALOGICTECH-AAT1141 Datasheet
954Kb / 19P
Fast Transient 600mA Step-Down Converter
AAT1140 ANALOGICTECH-AAT1140 Datasheet
1Mb / 19P
Fast Transient 600mA Step-Down Converter
AAT1146 ANALOGICTECH-AAT1146_08 Datasheet
668Kb / 20P
Fast Transient 400mA Step-Down Converter
logo
Power Analog Micoelectr...
PAM2316 PAM-PAM2316 Datasheet
299Kb / 11P
2.5MHz,Fast Transient 2A Step-Down Converter
PAM2321 PAM-PAM2321 Datasheet
525Kb / 11P
3MHz,Fast Transient 2A Step-Down Converter
logo
Monolithic Power System...
MP1492 MPS-MP1492 Datasheet
457Kb / 18P
2A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
logo
Skyworks Solutions Inc.
AAT1141 SKYWORKS-AAT1141 Datasheet
2Mb / 20P
Fast Transient 600mA Step-Down Converter
logo
Diodes Incorporated
PAM2316 DIODES-PAM2316 Datasheet
347Kb / 11P
2.5MHz, FAST TRANSIENT 2A STEP-DOWN CONVERTER
Rev 1
PAM2325 DIODES-PAM2325 Datasheet
553Kb / 12P
FAST TRANSIENT 3.5A STEP-DOWN CONVERTER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com