Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8312 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS8312
Description  IGBT Ignition Predriver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8312 Datasheet(HTML) 1 Page - ON Semiconductor

  CS8312 Datasheet HTML 1Page - ON Semiconductor CS8312 Datasheet HTML 2Page - ON Semiconductor CS8312 Datasheet HTML 3Page - ON Semiconductor CS8312 Datasheet HTML 4Page - ON Semiconductor CS8312 Datasheet HTML 5Page - ON Semiconductor CS8312 Datasheet HTML 6Page - ON Semiconductor CS8312 Datasheet HTML 7Page - ON Semiconductor CS8312 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
March, 2001 – Rev. 4
1
Publication Order Number:
CS8312/D
CS8312
IGBT Ignition Predriver with
Dynamic Current Regulation
The CS8312 is a bipolar microprocessor interface IC designed to
drive an IGBT (or logic level MOSFETs) powering large inductive
loads in harsh operating environments. The IC’s dynamic current
limit function lets the microprocessor adjust the current limit threshold
to the real time needs of the system.
CLI, the current limit input, sets the current limit for the IGBT high
or low as directed by the system microprocessor. CLI also raises and
lowers the threshold on the diagnostic FLAG output signal. The
FLAG output signals the microprocessor when the current level
approaches current limit on the IGBT. The CTRL input enables the
FLAG function.
Features
• µP Compatible Inputs
• Adjustable Current Limit Thresholds
• External Sense Resistor
• Flag Signal to Indicate Output Status
Figure 1. Block Diagram
CTRL
FLAG
OUT
SENSE+
VCC
SENSE–
CLI
GND
Control
Logic
Latch
VREF
Gate
Driver
VT
VT
5.0 V
http://onsemi.com
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
MARKING
DIAGRAMS
DIP–8
N SUFFIX
CASE 626
1
8
Device
Package
Shipping
ORDERING INFORMATION
CS8312YN8
DIP–8
50 Units/Rail
1
8
CS8312YN8
AWL
YYWW
OUT
GND
CLI
SENSE–
CTRL
SENSE+
VCC
FLAG
1
PIN CONNECTIONS
SO–8
D SUFFIX
CASE 751
1
CS831
ALYW2
8
1
8
CS8312YD8
SO–8
95 Units/Rail
CS8312YDR8
SO–8
2500 Tape & Reel


Similar Part No. - CS8312

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8312 CHERRY-CS8312 Datasheet
139Kb / 5P
IGBT Ignition Predriver with Dynamic Current Regulation
Rev. 4/7/97
CS8312YD8 CHERRY-CS8312YD8 Datasheet
139Kb / 5P
IGBT Ignition Predriver with Dynamic Current Regulation
Rev. 4/7/97
CS8312YDR8 CHERRY-CS8312YDR8 Datasheet
139Kb / 5P
IGBT Ignition Predriver with Dynamic Current Regulation
Rev. 4/7/97
CS8312YN8 CHERRY-CS8312YN8 Datasheet
139Kb / 5P
IGBT Ignition Predriver with Dynamic Current Regulation
Rev. 4/7/97
More results

Similar Description - CS8312

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8312 CHERRY-CS8312 Datasheet
139Kb / 5P
IGBT Ignition Predriver with Dynamic Current Regulation
Rev. 4/7/97
logo
ON Semiconductor
NGD8201N ONSEMI-NGD8201N Datasheet
110Kb / 7P
Ignition IGBT
August, 2006 ??Rev. 7
NGB8202N ONSEMI-NGB8202N_06 Datasheet
144Kb / 7P
Ignition IGBT
August, 2006 ??Rev. 5
NGD8201N ONSEMI-NGD8201N Datasheet
147Kb / 7P
Ignition IGBT
August, 2006 ??Rev. 7
NGB8206NTF4G ONSEMI-NGB8206NTF4G Datasheet
129Kb / 9P
Ignition IGBT
February, 2012 ??Rev. 9
logo
Rohm
RGPR30BM40 ROHM-RGPR30BM40 Datasheet
719Kb / 11P
400V 30A Ignition IGBT
RGPZ10BM40FH ROHM-RGPZ10BM40FH Datasheet
1Mb / 10P
430V 20A Ignition IGBT
RGPZ10BM40 ROHM-RGPZ10BM40 Datasheet
1Mb / 9P
430V 20A Ignition IGBT
logo
ON Semiconductor
ISL9V3040X3ST-F085C ONSEMI-ISL9V3040X3ST-F085C Datasheet
3Mb / 9P
EcoSPARK Ignition IGBT
August, 2019 ??Rev. 1
logo
Rohm
RGPR20NL43HR ROHM-RGPR20NL43HR Datasheet
921Kb / 10P
430V 20A Ignition IGBT
2019.07 - Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com