Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8312 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS8312
Description  IGBT Ignition Predriver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8312 Datasheet(HTML) 4 Page - ON Semiconductor

  CS8312 Datasheet HTML 1Page - ON Semiconductor CS8312 Datasheet HTML 2Page - ON Semiconductor CS8312 Datasheet HTML 3Page - ON Semiconductor CS8312 Datasheet HTML 4Page - ON Semiconductor CS8312 Datasheet HTML 5Page - ON Semiconductor CS8312 Datasheet HTML 6Page - ON Semiconductor CS8312 Datasheet HTML 7Page - ON Semiconductor CS8312 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CS8312
http://onsemi.com
4
CIRCUIT DESCRIPTION
Flag Function (See Figure 2)
The flag indicates when the voltage across the two sense
pins is approaching a current limit level that has been
determined by the value of the external sense resistor
(RSENSE) and the state of the CTRL and CLI pins. If the
voltage across the sense pins (SENSE+, SENSE–) is less
than the flag turn–on voltage, then the FLAG is off. When
the voltage between the sense pins equals the FLAG turn on
voltage, the FLAG will latch on until the CTRL pin goes
low. FLAG is disabled whenever CTRL is low. Changing the
CLI pin from low to high will increase nominal FLAG turn
on voltage by approximately 45%.
Table 1. FLAG Timing Sequence
State
CONTROL
SENSE+
FLAG
0
Low
X
OFF
1
High
Below Threshold
OFF
2
High
Above Threshold
ON
3
High
X
ON
0
Low
X
OFF
Output Stage
The CS8312 output (OUT) saturates and supplies voltage
to the IGBT (or MOSFET) gate once the CTRL switches
from low to high. As current through the IGBT (MOSFET)
increases and the voltage across the sense resistor passes the
flag turn on voltage, the FLAG will turn on. If the current
through the sense resistor continues to rise and the sense
resistor voltage reaches the regulation sense voltage, then
the gate voltage will fall to a level that regulates the driver
and maintains the regulation sense voltage at the sense
resistor.
Current Limit Function
Changing the CLI pin from a logic low to a logic high
increases the FLAG turn on voltage by approximately 45%
and the regulation sense voltage by approximately 39%
respectively.
Figure 2. Application and Test Diagram
FLAG
CTRL
CLI
OUT
SENSE+
SENSE–
GND
VCC
CS8312
Microprocessor
VCC
R
VCC
VBAT
LOAD
RSENSE
0.1
µF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com