Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8312 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8312
Description  IGBT Ignition Predriver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8312 Datasheet(HTML) 3 Page - ON Semiconductor

  CS8312 Datasheet HTML 1Page - ON Semiconductor CS8312 Datasheet HTML 2Page - ON Semiconductor CS8312 Datasheet HTML 3Page - ON Semiconductor CS8312 Datasheet HTML 4Page - ON Semiconductor CS8312 Datasheet HTML 5Page - ON Semiconductor CS8312 Datasheet HTML 6Page - ON Semiconductor CS8312 Datasheet HTML 7Page - ON Semiconductor CS8312 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS8312
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued) (7.0 V
≤ VCC ≤ 10 V, –40°C ≤ TA ≤ 125°C,
–0.2 V
≤ Differential Ground Voltage ≤ 0.8 V; unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Current Limit Increase Function (continued)
Input Capacitance
–
–
–
50
pF
Output Stage
IOUT
–
–
–
5.0
mA
Clamp Voltage
VCTRL = 5.5 V, IOUT = 1.0 mA
4.0
–
5.5
V
Output Off Voltage
VCTRL = –0.3 V, IOUT = 10 µA
VCTRL = –0.3 V, IOUT = 200 µA
–
–
–
–
0.5
1.2
V
V
Flag Function
Output Low
VCTRL = 5.5 V, IFLAG = 1.5 mA
–
–
0.9
V
Leakage Current
VCTRL = –0.3 V
–
–
10
µA
Output Capacitance
–
–
–
50
pF
Turn On (VSENSE+ – VSENSE–)
VCTRL = 5.5 V, VCLI = –0.3 V
VCTRL = 5.5 V, VCLI = 5.5 V
210
300
225
–
240
350
mV
mV
Turn Off Delay
CTRL Decreasing
–
–
10
µs
Turn On Delay
–
–
–
10
µs
Disable Time
–
100
–
450
µs
Sense Function
Input Voltage Range
–
–0.3
–
2.5
V
Sense Regulation Voltage
VCTRL = 5.5 V, VCLI = –0.3 V
VCTRL = 5.5 V, VCLI = 5.5 V
270
380
295
410
320
440
mV
mV
Input Leakage Current
VCTRL = 5.5 V
–
–
5.0
µA
Propagation Delay
VCTRL = 5.5 V
–
–
20
µs
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
DIP–8
SO–8
PIN SYMBOL
FUNCTION
1
1
FLAG
Indicates whether current through the IGBT has reached a pre-
set level.
2
2
SENSE+
Positive input to current comparator.
3
3
SENSE–
Ground (SENSE–) for current sense resistor.
4
4
GND
Ground connection.
5
5
OUT
Output voltage to IGBT (MOSFET) gate.
6
6
CLI
Current limit input increase.
7
7
CTRL
Control input.
8
8
VCC
Supply voltage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com