Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8312 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8312
Description  IGBT Ignition Predriver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8312 Datasheet(HTML) 2 Page - ON Semiconductor

  CS8312 Datasheet HTML 1Page - ON Semiconductor CS8312 Datasheet HTML 2Page - ON Semiconductor CS8312 Datasheet HTML 3Page - ON Semiconductor CS8312 Datasheet HTML 4Page - ON Semiconductor CS8312 Datasheet HTML 5Page - ON Semiconductor CS8312 Datasheet HTML 6Page - ON Semiconductor CS8312 Datasheet HTML 7Page - ON Semiconductor CS8312 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CS8312
http://onsemi.com
2
ABSOLUTE MAXIMUM RATINGS*
Rating
Value
Unit
Supply Voltage
–0.3 to 12
V
Digital Input Currents
2.0
mA
Internal Power Dissipation (TA = 25°C)
700
mW
Junction Temperature Range
–40 to +150
°C
Storage Temperature Range
–55 to +165
°C
Electrostatic Discharge (Human Body Model)
2.0
kV
Lead Temperature Soldering
Wave Solder (through hole styles only) Note 1.
Reflow (SMD styles only) Note 2.
260 peak
230 peak
°C
°C
1. 10 seconds max.
2. 60 seconds max above 183
°C
*The maximum package power dissipation must be observed.
ELECTRICAL CHARACTERISTICS (7.0 V
≤ VCC ≤ 10 V, –40°C ≤ TA ≤ 125°C,
–0.2 V
≤ Differential Ground Voltage ≤ 0.8 V; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
General
Power Supply Including Ripple Voltage
–
7.0
–
10
V
Supply Ripple Frequency
–
10
–
60
kHz
Differential Ground Frequency
–
10
–
60
kHz
Quiescent Current, IQ
Turn On
Turn Off
VCTRL = 5.5 V
VCTRL = –0.3 V
–
–
–
–
15
5.0
mA
mA
Supply Voltage Rejection
VCTRL = 5.5 V
30
–
–
dB
Differential Ground Rejection Ratio
VCTRL = 5.5 V
30
–
–
dB
Differential Ground Current Ratio
VCTRL = –0.3 V,
(VSENSE– – VGND)DC = 1.0 V
(VSENSE– – VGND)AC = 0.6 V
–
–
3.0
mA
Unity Gain Bandwidth
VCTRL = 5.5 V
400
–
–
kHz
Turn On Delay
CTRL Increasing
–
–
30
µs
Turn Off Delay
CTRL Decreasing
–
–
30
µs
Control Function
Input Voltage Range
ICTRL = 2.0 mA
–0.3
–
5.5
V
Input Threshold
Turn On
Turn Off
Hysteresis
CTRL Increasing
CTRL Decreasing
–
1.5
0.4
–
–
–
3.5
–
2.0
V
V
V
Voltage
ICTRL = 10 µA max
–
–
1.1
V
Input Capacitance
–
–
–
50
pF
Current Limit Increase Function
Input Voltage Range
ICTRL = 2.0 mA
–0.3
–
5.5
V
Input Threshold
Turn On
Turn Off
Hysteresis
CLI Increasing
CLI Decreasing
–
1.5
0.4
–
–
–
3.5
–
2.0
V
V
V
Voltage
ICLI = 10 µA max
–
–
1.1
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com