Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM8588CS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM8588CS
Description  Complementary N & P-Channel Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM8588CS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM8588CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TSM8588CS
Taiwan Semiconductor
2
Version: A1811
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL TYPE
MIN
TYP
MAX
UNIT
Static
Drain-Source
Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
Q1
60
--
--
V
VGS = 0V, ID = -250µA
Q2
-60
--
--
Gate Threshold Voltage
VGS = VDS, ID = 250µA
VGS(TH)
Q1
1.2
1.8
2.5
V
VGS = VDS, ID = -250µA
Q2
-1
-1.5
-2.5
Gate-Source Leakage
Current
VGS = ±20V, VDS = 0V
IGSS
Q1
--
--
±100
nA
VGS = ±20V, VDS = 0V
Q2
--
--
±100
nA
Drain-Source Leakage
Current
VGS = 0V, VDS = 60V
IDSS
Q1
--
--
1
µA
VGS = 0V, VDS = -60V
Q2
--
--
-1
Drain-Source On-State
Resistance
(Note 3)
VGS = 10V, ID = 2.5A
RDS(on)
Q1
--
74
103
m
Ω
VGS = 4.5V, ID = 2.3A
--
86
122
VGS = -10V, ID = -2A
Q2
--
135
180
VGS = -4.5V, ID = -1.7A
--
170
220
Forward
Transconductance
(Note 3)
VDS = 10V, ID = 2.5A
gfs
Q1
--
10
--
S
VDS = -10V, ID = -2A
Q2
--
5
--
Dynamic
(Note 4)
Total Gate Charge
Q1
VDS = 30V, ID = 2.5A
Q2
VDS = -30V, ID = -2A
Qg(VGS=10V)
Q1
--
9.4
--
nC
Q2
--
9
--
Total Gate Charge
Qg(VGS=4.5V)
Q1
--
4.4
--
Q2
--
4.6
--
Gate-Source Charge
Qgs
Q1
--
1.8
--
Q2
--
1.2
--
Gate-Drain Charge
Qgd
Q1
--
2.3
--
Q2
--
2.4
--
Input Capacitance
Q1
VGS = 0V, VDS = 30V
f = 1.0MHz
Q2
VGS = 0V, VDS = -30V
f = 1.0MHz
Ciss
Q1
--
527
--
pF
Q2
--
436
--
Output Capacitance
Coss
Q1
--
31
--
Q2
--
32
--
Reverse Transfer
Capacitance
Crss
Q1
--
4
--
Q2
--
11
--
Gate Resistance
f = 1.0MHz
Rg
Q1
0.5
1.8
3.6
Ω
Q2
5
17
34
Switching
(Note 4)
Turn-On Delay Time
Q1
VGS = 10V, VDS = 30V,
ID = 2.5A, RG = 2Ω
Q2
VGS = -10V, VDS = -30V,
ID = -2A, RG = 2Ω
td(on)
Q1
--
5
--
ns
Q2
--
3.4
--
Turn-On Rise Time
tr
Q1
--
21
--
Q2
--
21
--
Turn-Off Delay Time
td(off)
Q1
--
10
--
Q2
--
21
--
Turn-Off Fall Time
tf
Q1
--
17
--
Q2
--
26
--



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com