Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM8588CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM8588CS
Description  Complementary N & P-Channel Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM8588CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM8588CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TSM8588CS
Taiwan Semiconductor
1
Version: A1811
Complementary N & P-Channel Power MOSFET
FEATURES
● Low gate charge for fast power switching
● 100% UIS and R
g tested
● Compliant to RoHS directive 2011/65/EU and in
accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Building technologies
● DC Fan
● Motor drives
KEY PERFORMANCE PARAMETERS
PARAMETER
TYPE
VALUE
UNIT
VDS
Q1
60
V
Q2
-60
RDS(on)
(max)
VGS = 10V
Q1
103
m
Ω
VGS = 4.5V
122
VGS = -10V
Q2
180
VGS = -4.5V
220
Qg
Q1
4.4
nC
Q2
4.6
SOP-8
Note: MSL 1 (Moisture Sensitivity Level) per J-STD-020
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
Q1
Q2
UNIT
Drain-Source Voltage
VDS
60
-60
V
Gate-Source Voltage
VGS
±20
±20
V
Continuous Drain Current
TC = 25°C
ID
5
-4
A
TA = 25°C
2.5
-2
Pulsed Drain Current
(Note 1)
IDM
20
-16
A
Single Pulse Avalanche Current
(Note 2)
IAS
6.8
-7
A
Single Pulse Avalanche Energy
(Note 2)
EAS
6.9
7.4
mJ
Total Power Dissipation
TC = 25°C
PD
5.7
5.7
W
TC = 125°C
1.1
1.1
Total Power Dissipation
TA = 25°C
PD
1.4
1.4
W
TA = 125°C
0.3
0.3
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
°C
THERMAL PERFORMANCE
PARAMETER
SYMBOL
MAXIMUM
UNIT
Thermal Resistance
– Junction to Case
RӨJC
22
°C/W
Thermal Resistance
– Junction to Ambient
RӨJA
88
Thermal Performance Note: RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case-
thermal reference is defined at the solder mounting surface of the drain pins. RӨJC is guaranteed by design while RӨCA is
determined by the user’s board design. The RӨJA limit presented here is based on mounting on a 1 in
2 pad of 2 oz copper.


Similar Part No. - TSM8588CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM850N06CX TSC-TSM850N06CX Datasheet
410Kb / 5P
60V N-Channel Power MOSFET
TSM850N06CXRFG TSC-TSM850N06CXRFG Datasheet
410Kb / 5P
60V N-Channel Power MOSFET
TSM8568CS TSC-TSM8568CS Datasheet
612Kb / 11P
N- and P-Channel 30V (D-S) Power MOSFET
TSM85N10 TSC-TSM85N10 Datasheet
68Kb / 4P
100V N-Channel Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
TSM85N10CZ DOINGTER-TSM85N10CZ Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - TSM8588CS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDY4000CZ FAIRCHILD-FDY4000CZ Datasheet
451Kb / 9P
Complementary N & P-Channel PowerTrench MOSFET
FDY4001CZ FAIRCHILD-FDY4001CZ Datasheet
366Kb / 9P
Complementary N & P-Channel PowerTrench MOSFET
logo
Vishay Siliconix
SI4501BDY VISHAY-SI4501BDY Datasheet
277Kb / 15P
Complementary (N- and P-Channel) MOSFET
14-Feb-11
logo
Vishay Telefunken
SI4501BD TFUNK-SI4501BD Datasheet
279Kb / 15P
Complementary (N- and P-Channel) MOSFET
logo
MagnaChip Semiconductor...
MDS9651 MGCHIP-MDS9651 Datasheet
1Mb / 9P
Complementary N-P Channel Trench MOSFET
logo
Shenzhen Huazhimei Semi...
HM603K HMSEMI-HM603K Datasheet
462Kb / 8P
N&P-Channel complementary Power MOSFET
HM607K HMSEMI-HM607K Datasheet
724Kb / 9P
N&P-Channel V Complementary MOSFET
logo
Yangzhou yangjie electr...
YJQC602B YANGJIE-YJQC602B Datasheet
1Mb / 9P
N-Channel and P-Channel Complementary Power MOSFET
YJS4606A YANGJIE-YJS4606A Datasheet
688Kb / 9P
N-Channel and P-Channel Complementary Power MOSFET
logo
Vishay Siliconix
SI4501ADY VISHAY-SI4501ADY_V01 Datasheet
137Kb / 9P
Complementary (N- and P-Channel) MOSFET
18-May-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com