Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM8588CS Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSM8588CS
Description  Complementary N & P-Channel Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM8588CS Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSM8588CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TSM8588CS
Taiwan Semiconductor
3
Version: A1811
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL TYPE
MIN
TYP
MAX
UNIT
Source-Drain Diode
Forward Voltage
(Note 3)
VGS = 0V, IS = 2.5A
VSD
Q1
--
--
1
V
VGS = 0V, IS = -2A
Q2
--
--
-1
Reverse Recovery Time
Q1
IS = 2.5A, dI/dt = 100A/μs
Q2
IS = -2A, dI/dt = 100A/μs
trr
Q1
--
14
--
ns
Q2
--
11
--
Reverse Recovery
Charge
Qrr
Q1
--
10
--
nC
Q2
--
6
--
Notes:
1.
Current limited by package.
2.
Q1 : L = 0.3mH, VGS = 10V, VDD = 30V, RG = 25Ω, IAS = 6.8A, Starting TJ = 25°C
Q2 : L = 0.3mH, VGS = -10V, VDD = -30V, RG = 25Ω, IAS = -7A, Starting TJ = 25°C
3.
Pulse test: Pulse Width ≤ 300µs, duty cycle ≤ 2%.
4.
Switching time is essentially independent of operating temperature.
ORDERING INFORMATION
ORDERING CODE
PACKAGE
PACKING
TSM8588CS RLG
SOP-8
2,500pcs / 13
” Reel



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com