Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM8588CS Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TSM8588CS
Description  Complementary N & P-Channel Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM8588CS Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TSM8588CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM8588CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TSM8588CS
Taiwan Semiconductor
6
Version: A1811
CHARACTERISTICS CURVES (Q2 P-Channel)
(TA = 25°C unless otherwise noted)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
Gate-Source Voltage vs. Gate Charge
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-Source Voltage
-VGS, Gate to Source Voltage (V)
-VDS, Drain to Source Voltage (V)
-ID, Drain Current (A)
Qg, Gate Charge (nC)
TJ, Junction Temperature (°C)
-VGS, Gate to Source Voltage (V)
0
2
4
6
8
10
0
2
4
6
8
10
V
DS=-30V
I
D=-2A
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-75
-50
-25
0
25
50
75
100
125
150
V
GS=-10V
I
D=-2A
0
2
4
6
8
10
0
1
2
3
4
25℃
-55℃
150℃
0
3
6
9
12
0
1
2
3
4
V
GS=-10V
V
GS=-9V
V
GS=-8V
V
GS=-7V
V
GS=-6V
V
GS=-5V
V
GS=-4.5V
V
GS=-3V
V
GS=-3.5V
V
GS=-4V
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
3
6
9
12
V
GS=-10V
V
GS=-4.5V
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
3
4
5
6
7
8
9
10
I
D=-2A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com