Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1663 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AL1663
Description  UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1663 Datasheet(HTML) 5 Page - Diodes Incorporated

  AL1663 Datasheet HTML 1Page - Diodes Incorporated AL1663 Datasheet HTML 2Page - Diodes Incorporated AL1663 Datasheet HTML 3Page - Diodes Incorporated AL1663 Datasheet HTML 4Page - Diodes Incorporated AL1663 Datasheet HTML 5Page - Diodes Incorporated AL1663 Datasheet HTML 6Page - Diodes Incorporated AL1663 Datasheet HTML 7Page - Diodes Incorporated AL1663 Datasheet HTML 8Page - Diodes Incorporated AL1663 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AL1663/AL1663R
Document number: DS38466 Rev. 2 - 2
5 of 15
www.diodes.com
March 2017
© Diodes Incorporated
AL1663/AL1663R
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
UVLO Section
VCC_TH
Startup Threshold Voltage
17
18.5
20
V
VOPR_MIN
Minimal Operating Voltage
After Turn On
7
7.8
8.5
V
VCC_OVP
VCC OVP Voltage
25
27
29.9
V
Standby Current Section
IST
Startup Current
VCC = VCC_TH -0.5V, before start
up
0.8
µA
ICC
Operating Current
FB, CS connect to GND, CGATE =
100pF
1
mA
ICC_OVP
Shunt Current in OVP Mode
VCC > VCC_OVP
5
mA
Drive Output Section
tR
Output Voltage Rise Time (Note 6)
CL = 1nF
90
ns
tF
Output Voltage Fall Time (Note 6)
CL = 1nF
30
ns
VOUT_CLAMP
Output Clamp Voltage
VCC = 20V
13
14
15
V
tON_MIN
Minimum On Time (Note 6)
400
ns
tON_MAX
Maximum On Time
22
µs
tOFF_MAX
Maximum Off Time
35
µs
tOFF_MIN
Minimum Off Time
2
µs
fMAX
Maximum Frequency
150
kHz
Internal CS reference
VREF
Internal Reference Voltage
0.291
0.3
0.309
V
VCS_OCP
Primary Current Clamp Voltage
1.2
V
Error Amplifier
Gm
Trans-Conductance
16.7
µA/V
ISOURCE
Amplifier Source Current
10
µA
Feedback Input Section
VFB_CV
FB CV Threshold
1.4
1.5
1.6
V
APWM Section
VAPWM_L
PWM Signal Low Threshold Voltage
0.3
V
VAPWM_H
PWM Signal High Threshold Voltage
2.4
V
Linear Dimming Range on APWM
0.3
2.4
V
PWMD Section
VPWM_L
PWM Signal Low Threshold Voltage
0.4
V
VPWM_H
PWM Signal High Threshold Voltage
2
V
Thermal Fold-back Section
TREG
Overheating Temperature Regulation
(Note 6)
+145
oC
Over Temperature Protection Section
Shutdown Temperature (Notes 6, 7)
+165
oC
Notes:
6. These parameters, although guaranteed by design, are not 100% tested in production.
7.
The device will latch when OTP happens and the device won’t operate constantly at this temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com