Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1663 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL1663
Description  UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1663 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL1663 Datasheet HTML 1Page - Diodes Incorporated AL1663 Datasheet HTML 2Page - Diodes Incorporated AL1663 Datasheet HTML 3Page - Diodes Incorporated AL1663 Datasheet HTML 4Page - Diodes Incorporated AL1663 Datasheet HTML 5Page - Diodes Incorporated AL1663 Datasheet HTML 6Page - Diodes Incorporated AL1663 Datasheet HTML 7Page - Diodes Incorporated AL1663 Datasheet HTML 8Page - Diodes Incorporated AL1663 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AL1663/AL1663R
Document number: DS38466 Rev. 2 - 2
3 of 15
www.diodes.com
March 2017
© Diodes Incorporated
AL1663/AL1663R
Pin Descriptions
Pin Number
Pin Name
Function
AL1663
AL1663R
1
8
APWM
Analog dimming input pin or PWM signal input pin in PWM dimming mode
2
—
PWMD
PWMD signal input pin in PWM-to-DC dimming mode
—
1
NC
Not Connected
3
7
COMP
Loop compensation pin
4
3
CS
Current sense pin, connect this pin to the source of the primary switch
5
4
GND
Ground
6
5
OUT
Gate driver output
7
6
VCC
Supply voltage of gate driver and control circuits of the IC
8
2
FB
The feedback voltage sensing from the auxiliary winding
Functional Block Diagram
Valley
Detector
Logical
Control
UVLO
&Bias
Driver
-
+
COMP
FB
OVP
CS
VCC
OUT
Gm
OTP
GND
DIM
Control
VREF
PWMD
APWM
Buffer
-
+
1.2V
OCP
TFP
VREF
VREF
Temperature
Detector
TFP
OTP
1(8)
2
3(7)
4(3)
5(4)
8(2)
7(6)
6(5)
A(B)
A for AL1663
B for AL1663R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com