Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1663 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL1663
Description  UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1663 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL1663 Datasheet HTML 1Page - Diodes Incorporated AL1663 Datasheet HTML 2Page - Diodes Incorporated AL1663 Datasheet HTML 3Page - Diodes Incorporated AL1663 Datasheet HTML 4Page - Diodes Incorporated AL1663 Datasheet HTML 5Page - Diodes Incorporated AL1663 Datasheet HTML 6Page - Diodes Incorporated AL1663 Datasheet HTML 7Page - Diodes Incorporated AL1663 Datasheet HTML 8Page - Diodes Incorporated AL1663 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AL1663/AL1663R
Document number: DS38466 Rev. 2 - 2
1 of 15
www.diodes.com
March 2017
© Diodes Incorporated
AL1663/AL1663R
UNIVERSAL FLYBACK AND BUCK-BOOST
SINGLE STAGE DIMMABLE LED CONTROLLER
Description
The AL1663/AL1663R is a high performance single stage Flyback
and
Buck-boost
controller,
targeting
dimmable
LED
lighting
application. It is a primary side regulation (PSR) controller which can
provide accurate constant current (CC) regulation without opto-
coupler and secondary control circuitry. It is operating at BCM mode
and switching at the valley which results in good EMI and efficiency.
With working in constant on time, the system achieves high PF and
low total harmonic distortion (THD) under universal input voltage.
The AL1663/AL1663R can support multiple dimming modes. When a
0.3V to 2.4V DC signal is applied on APWM pin, the device will
operate in analog dimming mode. When a digital signal is applied on
APWM pin, the device works at PWM dimming mode. And for AL1663
When a digital signal is applied on PWMD pin and the APWM pin is
connected with a hundreds of nF capacitor, the device will work in
PWM-to-DC dimming mode.
The AL1663/AL1663R features low start-up current and low operation
current. It integrates multiple protections including over voltage, short
circuit, over current and over temperature protection.
The AL1663/AL1663R is available in SO-8 package.
Features
Primary Side Regulation without Opto-coupler
Valley Switching for Low Switching Loss
Low Start-up Current
High PF and Low THD
High Efficiency
Tight LED Current Variation Range
Tight Output Open Voltage Variation Range
Support both PWM Dimming and Analog Dimming
Internal Protections
Under Voltage Lock Out (UVLO)
Output Over Voltage Protection (OVP)
Output Short Protection (OSP)
Over Current Protection (OCP)
Thermal Fold-back Protection (TFP)
Over Temperature Protection (OTP)
Low System Cost
Package: SO-8
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
AL1663
AL1663R
SO-8
SO-8
Applications
General LED Lighting Driver with Dimming Function
General Purpose Constant Current Source
LED Backlighting Driver
Smart LED Lighting
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Gr
een” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
1
2
3
4
8
6
5
7
APWM
PWMD
COMP
CS
GND
FB
OUT
VCC
1
2
3
4
8
6
5
7
NC
FB
CS
GND
OUT
APWM
VCC
COMP


Similar Part No. - AL1663

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1663 DIODES-AL1663 Datasheet
436Kb / 15P
SINGLE STAGE DIMMABLE LED CONTROLLER
Rev 1
AL1663R DIODES-AL1663R Datasheet
436Kb / 15P
SINGLE STAGE DIMMABLE LED CONTROLLER
Rev 1
More results

Similar Description - AL1663

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICL8001G INFINEON-ICL8001G Datasheet
620Kb / 16P
Single-Stage Flyback And PFC Controller For LED Lighting Applications
Version 1.0, May 6, 2010
logo
Texas Instruments
TPS92561 TI-TPS92561 Datasheet
1Mb / 24P
Phase Dimmable, Single Stage Boost Controller for LED Lighting
logo
Linear Technology
LTC3783 LINER-LTC3783_15 Datasheet
309Kb / 24P
PWM LED Driver and Boost, Flyback and SEPIC Controller
logo
Texas Instruments
TPS92561 TI1-TPS92561 Datasheet
1Mb / 31P
Phase-Dimmable, Single-Stage Boost Controller for LED Lighting
logo
Diodes Incorporated
AL1663 DIODES-AL1663 Datasheet
436Kb / 15P
SINGLE STAGE DIMMABLE LED CONTROLLER
Rev 1
logo
Taiwan Semiconductor Co...
TS19705CX6 TSC-TS19705CX6 Datasheet
244Kb / 8P
Single Stage Flyback or Buck-Boost Current Control with Active PFC for LED lighting
logo
Diodes Incorporated
AL1672 DIODES-AL1672 Datasheet
293Kb / 14P
SINGLE STAGE DIMMABLE BUCK CONVERTER
Rev 1
AL1673 DIODES-AL1673 Datasheet
317Kb / 15P
UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED DRIVER
Rev 1
logo
Excelliance MOS Corp.
EM8822A EXCELLIANCE-EM8822A Datasheet
493Kb / 9P
Single stage Buck/Buck-Boost PFC Controller for LED Lighting
logo
Silergy Corp.
SY5802 SILERGY-SY5802 Datasheet
210Kb / 8P
Single Stage Flyback And PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com