Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1663 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AL1663
Description  UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1663 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AL1663 Datasheet HTML 6Page - Diodes Incorporated AL1663 Datasheet HTML 7Page - Diodes Incorporated AL1663 Datasheet HTML 8Page - Diodes Incorporated AL1663 Datasheet HTML 9Page - Diodes Incorporated AL1663 Datasheet HTML 10Page - Diodes Incorporated AL1663 Datasheet HTML 11Page - Diodes Incorporated AL1663 Datasheet HTML 12Page - Diodes Incorporated AL1663 Datasheet HTML 13Page - Diodes Incorporated AL1663 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AL1663/AL1663R
Document number: DS38466 Rev. 2 - 2
10 of 15
www.diodes.com
March 2017
© Diodes Incorporated
AL1663/AL1663R
0
20
40
60
80
100
0
20
40
60
80
100
PWM Duty (%)
Application Information (Cont.)
Dimming Mode
The AL1663 can support three dimming modes: analog dimming, PWM-to-DC dimming and PWM dimming.
The AL1663R can support two dimming modes: analog dimming and PWM dimming.
1. Analog Dimming Mode
In analog dimming mode, the dimming signal is added to APWM pin directly to realize dimming function. The setting circuit is shown as Figure 4. A
capacitance of hundreds nF is recommended for CAPWM. When VAPWM is higher than 2.4V, the driver will output 100% of rated current; when the
voltage VAPWM is in the range from 0.3 to 2.4V, the output current will change linearly with the voltage VAPWM. When VAPWM is lower than 0.3V,
switch will be turned off and the output current drops to zero. The dimming curve is shown as Figure 5 and the dimming range is from 12% to
100%.
Figure 4. Analog Dimming Setting Circuit
Figure 5. Analog Dimming Curve
2. PWM-to-DC Dimming Mode
In PWM-to-DC dimming mode, PWM dimming signal is added to PWMD pin. The setting circuit is shown as below Figure 6. A capacitance of
hundreds nF is recommended for CAPWM. The duty cycle of the dimming signal DDIM is reflected by the voltage on APWM pin VAPWM.
2.4
APWM
DIM
V
D
V

Where DDIM is duty of PWM signal; VAPWM is the voltage of APWM pin.
Thus the output current will change with the duty cycle of dimming signal DDIM. For example, the dimming curve is shown as Figure 7. The
dimming range is 12% to 100%.
Figure 6. PWM to DC Dimming Setting Circuit
Figure 7. PWM to DC Dimming Curve (PWM Frequency is 500Hz)
3. PWM Dimming Mode
In PWM dimming mode, dimming signal will be added to APWM pin .The setting circuit is shown as Figure 8. The output current is chopped by the
dimming signal directly. The logic high level of the dimming signal needs to be higher 2.4V while the logic low level is lower than 0.3V. Switch is
turned off at logic low level. The dimming curve is shown as Figure 9. The dimming range can be 100 to 1% with 1kHz frequency of PWM signal.
Figure 8. PWM Dimming Setting Circuit
Figure 9. PWM Dimming Curve (PWM Frequency is 1 KHz)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
20
40
60
80
100
V
APMW
(V)
0
20
40
60
80
100
0
20
40
60
80
100
PWM Duty (%)
APWM
AL1663/AL1663R
0.3-2.4V
Dimming Signal
APWM
PWMD
AL1663
R
APWM
AL1663/AL1663R
PWM Dimming Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com