Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5403B Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP5403B
Description  Mini PMIC with Dual 4A/5A Peak Bucks, One 2A Load Switch, and Input Power Supervisory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5403B Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP5403B Datasheet HTML 1Page - Monolithic Power Systems MP5403B Datasheet HTML 2Page - Monolithic Power Systems MP5403B Datasheet HTML 3Page - Monolithic Power Systems MP5403B Datasheet HTML 4Page - Monolithic Power Systems MP5403B Datasheet HTML 5Page - Monolithic Power Systems MP5403B Datasheet HTML 6Page - Monolithic Power Systems MP5403B Datasheet HTML 7Page - Monolithic Power Systems MP5403B Datasheet HTML 8Page - Monolithic Power Systems MP5403B Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
MP5403B
– DUAL BUCK AND ONE LOAD SWITCH PMIC
MP5403B Rev. 1.0
www.MonolithicPower.com
2
12/5/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION
MP5403B
SW2
VIN1
FB1
FB2
SW1
EN3
GND, AGND
VOUT3
EN2
PG3
PG2
PG1
EN1
L1
L2
C2
C1A
C1B
C2A
VIN3
PFL
VIN2
C1
R1
R2
R3
R4
PFL_ADJ
R6
R5
CDELAY
VSUS
Input Voltage
Output Voltage 1
Peak 5A
Output Voltage 2
Peak 4A
Output Voltage 3
3A DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com