Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5403B Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5403B
Description  Mini PMIC with Dual 4A/5A Peak Bucks, One 2A Load Switch, and Input Power Supervisory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5403B Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5403B Datasheet HTML 1Page - Monolithic Power Systems MP5403B Datasheet HTML 2Page - Monolithic Power Systems MP5403B Datasheet HTML 3Page - Monolithic Power Systems MP5403B Datasheet HTML 4Page - Monolithic Power Systems MP5403B Datasheet HTML 5Page - Monolithic Power Systems MP5403B Datasheet HTML 6Page - Monolithic Power Systems MP5403B Datasheet HTML 7Page - Monolithic Power Systems MP5403B Datasheet HTML 8Page - Monolithic Power Systems MP5403B Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MP5403B
Mini PMIC with Dual 4A/5A Peak Bucks,
One 2A Load Switch, and
Input Power Supervisory
MP5403B Rev. 1.0
www.MonolithicPower.com
1
12/5/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.

DESCRIPTION
The
MP5403B
is
a
monolithic
power
management unit containing two high-efficiency,
step-down, switching converters and a load
switch. The two regulators supply peak currents
up to 5A and 4A separately, and the load switch
supplies up to 3A of load current with an
extremely low RDS(ON). With an input range of up
to 6V, the MP5403B is ideal for powering ASIC
and SOC for solid-state drives (SSD) and other
compact power systems.
The peak-current-mode control scheme with
pulse-skip mode operation provides the two
switchers with fast transient response, high light-
load efficiency, and a minimal number of
capacitors by using an interleaving PWM clock
between the two switchers. The 3A load switch
with a low 20
mΩ on resistance provides flexible
system configuration.
A full set of enable control pins and power good
open-drain
indicators
allow
for
easy
implementation of the start-up and shutdown
sequences.
Full protection features include over-current
protection (OCP) and thermal shutdown.
The MP5403B requires a minimal number of
readily available, standard, external components
and
is
available
in
a
small
UTQFN-20
(2.5mmx3mm) package.
FEATURES
 Up to 6V Operating Input Range
 Low I
Q: 85µA for Two Switchers Total
 Two Buck Converters
o
Peak 5A with 55
mΩ/20mΩ RDS(ON)
o
Peak 4A with 65
mΩ/22mΩ RDS(ON)
o
1.5MHz Switching Frequency
o
180° Interleaving Operation
o
100% Duty Cycle
o
Load Switch Mode by Pulling FB Low
o
Latch-Off Short-Circuit Protection (SCP)
o
Internal Soft Start (SS) and Output
Discharge
o
Optimized Light-Load Efficiency
 One Load Switch with 20mΩ R
DS(ON)
o
3A with 20
mΩ RDS(ON)
o
Soft Start (SS) and Output Discharge
o
Over-Current Protection (OCP)
 EN and Power Good (PG) for Power
Sequencing
 Input Power Good (PG) Indicator with
Adjustable Threshold and Delay
 Thermal Shutdown
 Available in a UTQFN-20 (2.5mmx3mm)
Package
APPLICATIONS
 Solid-State Drives (SSD)
 Portable Instruments
 Battery-Powered Devices
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.


Similar Part No. - MP5403B

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5403 MPS-MP5403 Datasheet
1Mb / 22P
Configurable 2.7V-6V Mini PMIC with Dual 2.5A/3.5A Buck, One Load Switch, and Input Power Supervisory
MP5403 MPS-MP5403 Datasheet
469Kb / 7P
High Efficiency Dual Buck and One Load Switch Power Management Unit EV Board
MP5403GQBU MPS-MP5403GQBU Datasheet
1Mb / 22P
Configurable 2.7V-6V Mini PMIC with Dual 2.5A/3.5A Buck, One Load Switch, and Input Power Supervisory
More results

Similar Description - MP5403B

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4670 AAT-AAT4670 Datasheet
281Kb / 13P
Dual-Input, Dual-Output Load Switch
4670.2006.09.1.4
logo
Advanced Analogic Techn...
AAT4670 ANALOGICTECH-AAT4670_06 Datasheet
281Kb / 13P
Dual-Input, Dual-Output Load Switch
logo
ON Semiconductor
NCP434FCT2G ONSEMI-NCP434FCT2G Datasheet
700Kb / 10P
2A Ultra-Small Controlled Load Switch with
March, 2013 ??Rev. 4
logo
Semtech Corporation
SC33020H SEMTECH-SC33020H Datasheet
1Mb / 15P
2A Load Switch with Reverse Current Blocking
logo
Monolithic Power System...
MP5403 MPS-MP5403 Datasheet
1Mb / 22P
Configurable 2.7V-6V Mini PMIC with Dual 2.5A/3.5A Buck, One Load Switch, and Input Power Supervisory
logo
Active-Semi, Inc
ACT88325VA ACTIVE-SEMI-ACT88325VA Datasheet
3Mb / 39P
Advanced PMU with 3 Bucks, 2 LDOs and Load Bypass Switch
Rev 1.0, 23-May-2018
logo
Texas Instruments
TPS6594-Q1 TI1-TPS6594-Q1 Datasheet
3Mb / 357P
TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6594-Q1 TI-TPS6594-Q1_V01 Datasheet
3Mb / 358P
TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6593-Q1 TI-TPS6593-Q1 Datasheet
3Mb / 132P
TPS6593-Q1 Power Management IC (PMIC) with 5 Bucks and 4 LDOs for Automotive Applications
logo
Renesas Technology Corp
DA9080 RENESAS-DA9080 Datasheet
713Kb / 52P
High Current, Highly Configurable System PMIC with Four Bucks and One LDO
08-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com