Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5403B Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5403B
Description  Mini PMIC with Dual 4A/5A Peak Bucks, One 2A Load Switch, and Input Power Supervisory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5403B Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5403B Datasheet HTML 1Page - Monolithic Power Systems MP5403B Datasheet HTML 2Page - Monolithic Power Systems MP5403B Datasheet HTML 3Page - Monolithic Power Systems MP5403B Datasheet HTML 4Page - Monolithic Power Systems MP5403B Datasheet HTML 5Page - Monolithic Power Systems MP5403B Datasheet HTML 6Page - Monolithic Power Systems MP5403B Datasheet HTML 7Page - Monolithic Power Systems MP5403B Datasheet HTML 8Page - Monolithic Power Systems MP5403B Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MP5403B
– DUAL BUCK AND ONE LOAD SWITCH PMIC
MP5403B Rev. 1.0
www.MonolithicPower.com
5
12/5/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN1/2 = 3.6V, VIN3 = 3.6V, TJ = -40°C to 125°C(7), typical value tested at TJ = 25°C unless otherwise
noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
For Buck Regulators (VIN1 provides control voltage if VIN3 is lower than 2.7V)
Input voltage range
VIN1
For VIN1
2.7
6
V
Under-voltage lockout threshold
rising
VIN1_UVLO_R
For VIN1
2.3
2.5
2.65
V
Under-voltage lockout threshold
hysteresis
VIN1_UVLO_H
For VIN1
250
mV
Input voltage range for rail 2
VIN2
VIN1 > VIN1_UVLO_R
2
6
V
VIN2 under-voltage lockout
threshold rising
VIN2_UVLO_R
For VIN2
1.8
1.85
V
VIN2 under-voltage lockout
threshold hysteresis
VIN2_UVLO_H
For VIN2
300
mV
Supply current (shutdown)
ISD
VEN1/2/3 = 0V, TJ = 25°C
1
μA
Supply current (quiescent)
IQ1+Q2
VEN1/2 = 2V, VEN3 = 0V,
VFB1/2 =1V
85
110
μA
High-side switch on resistance
for peak 5A switcher
RDSON1_H
55
mΩ
Low-side switch on resistance
for peak 5A switcher
RDSON1_L
20
mΩ
High-side switch on resistance
for peak 4A switcher
RDSON2_H
65
mΩ
Low-side switch on resistance
for peak 4A switcher
RDSON2_L
22
mΩ
Switch leakage current
ILK_SW1/2
VEN1/2 = 0V, VIN1/2 = 6V,
VSW1/2 = 0V and 6V,
TJ = 25°C
0
1
μA
High-side current limit for peak
5A switcher
ILIM1_H
6.2
8.5
A
High-side current limit for peak
4A switcher
ILIM2_H
5
7
A
Low-side zero crossing current
IZCD1/2
For both channels
0.1
A
Oscillator frequency
FSW1/2
CCM
1.2
1.5
1.8
MHz
Phase shift
PhS
CCM
180
degree
Minimum on time (6)
TMIN_ON
70
ns
Minimum off time (6)
TMIN_OFF
100
ns
Maximum duty cycle (6)
DMAX
100
%
Feedback voltage
VFB1/2
TJ = 25°C
594
600
606
mV
TJ = -40°C to 125°C (7)
591
600
609
mV
Feedback currents
IFB1/2
FB1/2 = 0.65V
10
50
nA
Internal soft-start time
TSS1/2
For both channels
0.35
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com