Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5403B Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP5403B
Description  Mini PMIC with Dual 4A/5A Peak Bucks, One 2A Load Switch, and Input Power Supervisory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5403B Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP5403B Datasheet HTML 15Page - Monolithic Power Systems MP5403B Datasheet HTML 16Page - Monolithic Power Systems MP5403B Datasheet HTML 17Page - Monolithic Power Systems MP5403B Datasheet HTML 18Page - Monolithic Power Systems MP5403B Datasheet HTML 19Page - Monolithic Power Systems MP5403B Datasheet HTML 20Page - Monolithic Power Systems MP5403B Datasheet HTML 21Page - Monolithic Power Systems MP5403B Datasheet HTML 22Page - Monolithic Power Systems MP5403B Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
MP5403B
– DUAL BUCK AND ONE LOAD SWITCH PMIC
MP5403B Rev. 1.0
www.MonolithicPower.com
21
12/5/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Output Capacitor Selection
The output capacitor limits the output voltage
ripple and ensures a stable regulation loop.
Select an output capacitor with low impedance at
the switching frequency. Use ceramic capacitors
with X5R or X7R dielectrics. Using an electrolytic
capacitor may result in additional output voltage
ripple, thermal issues, and require additional
care in selecting the feedback resistor (R1) due
to the large ESR. For most applications, a 22µF
capacitor is sufficient.
PCB Layout Guidelines
Efficient PCB layout of the switching power
supplies is critical for stable operation. If the
layout is not done carefully, for the high switching
frequency converter especially, the regulator
could show poor line or load regulation and
stability issues. For best results, refer to Figure 4
and follow the guideline below.
1. Place the input capacitor as close to the IC
pins as possible for the high-speed step-
down regulator to provide clean control
voltage.
1
1
1
2
VIN1
VIN2
GND
VOUT1
VOUT2
GND
VIN3
VOUT3
GND
GND
C1A
C1B
C2
C3
C4
C5
C6
L1
L2
C7
R1
R2
R3
R4
EN1
EN2
EN3
PG3
PG2
PG1
Top Layer
GND
VIN3
Vout1 Sense
Vout2 Sense
Bottom Layer
Figure 4: Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com