Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42516 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS42516
Description  110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42516 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS42516 Datasheet HTML 49Page - Cirrus Logic CS42516 Datasheet HTML 50Page - Cirrus Logic CS42516 Datasheet HTML 51Page - Cirrus Logic CS42516 Datasheet HTML 52Page - Cirrus Logic CS42516 Datasheet HTML 53Page - Cirrus Logic CS42516 Datasheet HTML 54Page - Cirrus Logic CS42516 Datasheet HTML 55Page - Cirrus Logic CS42516 Datasheet HTML 56Page - Cirrus Logic CS42516 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 90 page
background image
DS583F1
53
CS42516
6.7
Clock Control (address 06h)
6.7.1
RMCK DIVIDE (RMCK_DIVX)
Default = 00
Function:
Divides/multiplies the internal MCLK, either from the PLL or OMCK, by the selected factor.
6.7.2
OMCK FREQUENCY (OMCK FREQX)
Default = 00
Function:
Sets the appropriate frequency for the supplied OMCK.
6.7.3
PLL LOCK TO LRCK (PLL_LRCK)
Default = 0
0 - Disabled
1 - Enabled
Function:
When enabled, the internal PLL of the CS42516 will lock to the SAI_LRCK of the SAI serial port.
6.7.4
MASTER CLOCK SOURCE SELECT (SW_CTRLX)
Default = 00
Function:
These two bits, along with the UNLOCK bit in register “Interrupt Status (address 20h) (Read Only)”
on page 63, determine the master clock source for the CS42516. When SW_CTRL1 and SW_CTRL0
are set to '00'b, selecting the output of the PLL as the internal clock source, and the PLL becomes
unlocked, RMCK will equal OMCK, but all internal and serial port timings are not valid.
When the FRC_PLL_LK bit is set to ‘1’b, the SW_CTRLX bits must be set to ‘00’b. If the PLL becomes
7
6
5
432
10
RMCK_DIV1
RMCK_DIV0
OMCK Freq1
OMCK Freq0
PLL_LRCK
SW_CTRL1
SW_CTRL0
FRC_PLL_LK
RMCK_DIV1 RMCK_DIV0
Description
00
Divide by 1
01
Divide by 2
10
Divide by 4
11
Multiply by 2
Table 10. RMCK Divider Settings
OMCK Freq1 OMCK Freq0
Description
0
0
11.2896 MHz or 12.2880 MHz
0
1
16.9344 MHz or 18.4320 MHz
1
0
22.5792 MHz or 24.5760 MHz
11
Reserved
Table 11. OMCK Frequency Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com