Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42516 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS42516
Description  110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42516 Datasheet(HTML) 1 Page - Cirrus Logic

  CS42516 Datasheet HTML 1Page - Cirrus Logic CS42516 Datasheet HTML 2Page - Cirrus Logic CS42516 Datasheet HTML 3Page - Cirrus Logic CS42516 Datasheet HTML 4Page - Cirrus Logic CS42516 Datasheet HTML 5Page - Cirrus Logic CS42516 Datasheet HTML 6Page - Cirrus Logic CS42516 Datasheet HTML 7Page - Cirrus Logic CS42516 Datasheet HTML 8Page - Cirrus Logic CS42516 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
Features
Six 24-bit D/A, two 24-bit A/D Converters
110 dB DAC / 114 dB ADC Dynamic Range
-100 dB THD+N
System Sampling Rates up to 192 kHz
S/PDIF Receiver Compatible with EIAJ
CP1201 and IEC-60958
Recovered S/PDIF Clock or System Clock
Selection
8:2 S/PDIF Input MUX
ADC High-Pass Filter for DC Offset Calibration
Expandable ADC Channels and One-Line
Mode Support
Digital Output Volume Control with Soft Ramp
Digital +/-15 dB Input Gain Adjust for ADC
Differential Analog Architecture
Supports Logic Levels between 1.8 V and 5 V
General Description
The CS42516 codec provides two analog-to-digital and
six digital-to-analog delta-sigma converters, as well as
an integrated S/PDIF receiver.
The CS42516 integrated S/PDIF receiver supports up
to eight inputs, clock recovery circuitry and format auto-
detection. The internal stereo ADC is capable of inde-
pendent channel gain control for single-ended or
differential analog inputs. All six channels of DAC pro-
vide digital volume control and differential analog
outputs. The general-purpose outputs may be driven
high or low, or mapped to a variety of DAC mute con-
trols or ADC overflow indicators.
The CS42516 is ideal for audio systems requiring wide
dynamic range, negligible distortion and low noise, such
as A/V receivers, DVD receivers, digital speaker and
automotive audio systems.
The CS42516 is available in a 64-pin LQFP package in
both Commercial (-10° to 70° C) and Automotive
(-40° to 85° C) grades. The CDB42518 Customer Dem-
onstration board is also available for device evaluation.
Refer to “Ordering Information” on page 89.
RST
RXP0
RXP1/GPO1
AD0/CS
SCL/CCLK
SDA/CDOUT
AD1/CDIN
VLC
AOUTA1+
AOUTA1-
AOUTB1+
AOUTA3+
AOUTA3-
AOUTA2-
AOUTB2-
AOUTA2+
AOUTB2+
AOUTB1-
AOUTB3+
AOUTB3-
AINL+
AINL-
AINR+
AINR-
FILT+
REFGND
VQ
Ref
ADC#1
ADC#2
Digital Filter
Digital Filter
Gain & Clip
Gain & Clip
CX_SCLK
CX_LRCK
CX_SDIN3
CX_SDIN2
CX_SDIN1
DGND VD
LPFLT
TXP
INT
Rx
Clock/Data
Recovery
S/PDIF
Decoder
Control
Port
DAC#1
DAC#2
DAC#3
DAC#4
DAC#5
DAC#6
DGND
RXP2/GPO2
RXP3/GPO3
RXP4/GPO4
RXP5/GPO5
RXP6/GPO6
RXP7/GPO7
VD
MUTEC
GPO
VARX
AGND
AGND
VA
CODEC
Serial
Port
CX_SDOUT
ADCIN1
ADCIN2
VLS
SAI_LRCK
SAI_SCLK
SAI_SDOUT
OMCK
RMCK
Serial
Audio
Interface
Port
ADC
Serial
Data
Internal MCLK
Mult/Div
DEM
C&U Bit
Data Buffer
Format
Detector
MUTE
NOVEMBER '05
DS583F1
CS42516


Similar Part No. - CS42516

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42516 CIRRUS-CS42516 Datasheet
1Mb / 91P
110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42516-CQZ CIRRUS-CS42516-CQZ Datasheet
1Mb / 91P
110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42516-CQZR CIRRUS-CS42516-CQZR Datasheet
1Mb / 91P
110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42516-DQZ CIRRUS-CS42516-DQZ Datasheet
1Mb / 91P
110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42516-DQZR CIRRUS-CS42516-DQZR Datasheet
1Mb / 91P
110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
More results

Similar Description - CS42516

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42526 CIRRUS-CS42526 Datasheet
1Mb / 90P
114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42518 CIRRUS-CS42518 Datasheet
1Mb / 91P
110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42528 CIRRUS-CS42528 Datasheet
1Mb / 91P
114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42416 CIRRUS-CS42416_05 Datasheet
1Mb / 73P
110 dB, 192 kHz 6-Ch Codec with PLL
CS42418 CIRRUS-CS42418_05 Datasheet
1Mb / 73P
110 dB, 192 kHz 8-Ch Codec with PLL
CS42426 CIRRUS-CS42426_05 Datasheet
1Mb / 73P
114 dB, 192 kHz 6-Ch Codec with PLL
CS42516 CIRRUS-CS42516_05 Datasheet
1Mb / 91P
110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42518 CIRRUS-CS42518_05 Datasheet
1Mb / 91P
110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42526 CIRRUS-CS42526_05 Datasheet
1Mb / 93P
114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42528 CIRRUS-CS42528_05 Datasheet
1Mb / 91P
114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com