Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42516 Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS42516
Description  110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42516 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS42516 Datasheet HTML 56Page - Cirrus Logic CS42516 Datasheet HTML 57Page - Cirrus Logic CS42516 Datasheet HTML 58Page - Cirrus Logic CS42516 Datasheet HTML 59Page - Cirrus Logic CS42516 Datasheet HTML 60Page - Cirrus Logic CS42516 Datasheet HTML 61Page - Cirrus Logic CS42516 Datasheet HTML 62Page - Cirrus Logic CS42516 Datasheet HTML 63Page - Cirrus Logic CS42516 Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 90 page
background image
60
DS583F1
CS42516
6.15.2 ATAPI CHANNEL-MIXING AND MUTING (PX_ATAPIX)
Default = 01001
Function:
The CS42516 implements the channel-mixing functions of the ATAPI CD-ROM specification. The
ATAPI functions are applied per A-B pair. Refer to Table 16 and Figure 8 for additional information.
ATAPI4
ATAPI3
ATAPI2
ATAPI1
ATAPI0
AOUTAx
AOUTBx
000
00
MUTE
MUTE
000
01
MUTE
bR
000
10
MUTE
bL
000
11
MUTE
b[(L+R)/2]
001
00
aR
MUTE
001
01
aR
bR
001
10
aR
bL
001
11
aR
b[(L+R)/2]
010
00
aL
MUTE
010
01
aL
bR
010
10
aL
bL
010
11
aL
b[(L+R)/2]
011
00
a[(L+R)/2]
MUTE
0
1
1
0
1
a[(L+R)/2]
bR
0
1
1
1
0
a[(L+R)/2]
bL
0
1
1
1
1
a[(L+R)/2]
b[(L+R)/2]
100
00
MUTE
MUTE
100
01
MUTE
bR
100
10
MUTE
bL
100
11
MUTE
[(aL+bR)/2]
101
00
aR
MUTE
101
01
aR
bR
101
10
aR
bL
101
11
aR
[(bL+aR)/2]
110
00
aL
MUTE
110
01
aL
bR
110
10
aL
bL
110
11
aL
[(aL+bR)/2]
1
1
1
0
0
[(aL+bR)/2]
MUTE
1
1
1
0
1
[(aL+bR)/2]
bR
1
1
1
1
0
[(bL+aR)/2]
bL
1
1
1
1
1
[(aL+bR)/2]
[(aL+bR)/2]
Table 16. ATAPI Decode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com