Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42516 Datasheet(PDF) 56 Page - Cirrus Logic

Part # CS42516
Description  110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42516 Datasheet(HTML) 56 Page - Cirrus Logic

Back Button CS42516 Datasheet HTML 52Page - Cirrus Logic CS42516 Datasheet HTML 53Page - Cirrus Logic CS42516 Datasheet HTML 54Page - Cirrus Logic CS42516 Datasheet HTML 55Page - Cirrus Logic CS42516 Datasheet HTML 56Page - Cirrus Logic CS42516 Datasheet HTML 57Page - Cirrus Logic CS42516 Datasheet HTML 58Page - Cirrus Logic CS42516 Datasheet HTML 59Page - Cirrus Logic CS42516 Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 90 page
background image
56
DS583F1
CS42516
6.10
Burst Preamble PC and PD Bytes (addresses 09h - 0Ch)(Read Only)
6.10.1 BURST PREAMBLE BITS (PCX & PDX)
Default = xxh
Function:
The PC and PD burst preamble bytes are loaded into these four registers.
6.11
Volume Transition Control (address 0Dh)
6.11.1 SINGLE VOLUME CONTROL (SNGVOL)
Default = 0
Function:
The individual channel volume levels are independently controlled by their respective Volume Control
registers when this function is disabled. When enabled, the volume on all channels is determined by
the A1 Channel Volume Control register and the other Volume Control registers are ignored.
6.11.2 SOFT RAMP AND ZERO CROSS CONTROL (SZCX)
Default = 00
00 - Immediate Change
01 - Zero Cross
10 - Soft Ramp
11 - Soft Ramp on Zero Crossings
Function:
Immediate Change
When Immediate Change is selected, all level changes will take effect immediately in one step.
Zero Cross
Zero Cross Enable dictates that signal-level changes, either by attenuation changes or muting, will
RCVR_CLK2 RCVR_CLK1 RCVR_CLK0
Description
0
0
0
8.1920 MHz
0
0
1
11.2896 MHz
0
1
0
12.288 MHz
0
1
1
16.3840 MHz
1
0
0
22.5792 MHz
1
0
1
24.5760 MHz
1
1
0
45.1584 MHz
1
1
1
49.1520 MHz
Table 14. Receiver Clock Frequency Detection
76
543
21
0
PCx-7
PCx-6
PCx-5
PCx-4
PCx-3
PCx-2
PCx-1
PCx-0
PDx-7
PDx-6
PDx-5
PDx-4
PDx-3
PDx-2
PDx-1
PDx-0
76
543
21
0
Reserved
SNGVOL
SZC1
SZC0
AMUTE
MUTE SAI_SP
RAMP_UP
RAMP_DN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com