Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974ETR Datasheet(PDF) 27 Page - STMicroelectronics

Part # STV0974ETR
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974ETR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STV0974ETR Datasheet HTML 23Page - STMicroelectronics STV0974ETR Datasheet HTML 24Page - STMicroelectronics STV0974ETR Datasheet HTML 25Page - STMicroelectronics STV0974ETR Datasheet HTML 26Page - STMicroelectronics STV0974ETR Datasheet HTML 27Page - STMicroelectronics STV0974ETR Datasheet HTML 28Page - STMicroelectronics STV0974ETR Datasheet HTML 29Page - STMicroelectronics STV0974ETR Datasheet HTML 30Page - STMicroelectronics STV0974ETR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
Functional description
STV0974
27/61
4 DRQ is released after the first byte is read.
5 After the last byte of the burst is read, the transfer terminates on step 6 if the FIFO is empty and
the frame end is reached. Otherwise, transfer continues on step 2.
6 IRQ is asserted to signal the end of image transfer; the DMA channel is closed and re-initialized
for the next transfer.
This behavior ensures that no request can be missed by the controller, assuming DRQ is an edge-
sensitive signal. DRQ polarity can be reversed through MICR[POL] bit.
Note: 1 During DMA transfer, it is assumed that reading DR returns a byte from the FIFO, which means that
AR shall be pointing to the FIFO when the DMA channel is active. To access other registers while
performing DMA, the DMA controller must be halted and pending transfers properly flushed; then
indirect accesses to the camera subsystem can occur. Finally, AR must be restored and the DMA
controller released.
2 At the end of the transfer, FIFO underrun can occur if the image size is not an integer multiple of the
burst size: dummy bytes are appended at the end of the image buffer. Nevertheless, the JPEG end-
of-frame marker (0xffd9) delineates the buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com