Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974ETR Datasheet(PDF) 43 Page - STMicroelectronics

Part # STV0974ETR
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974ETR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STV0974ETR Datasheet HTML 39Page - STMicroelectronics STV0974ETR Datasheet HTML 40Page - STMicroelectronics STV0974ETR Datasheet HTML 41Page - STMicroelectronics STV0974ETR Datasheet HTML 42Page - STMicroelectronics STV0974ETR Datasheet HTML 43Page - STMicroelectronics STV0974ETR Datasheet HTML 44Page - STMicroelectronics STV0974ETR Datasheet HTML 45Page - STMicroelectronics STV0974ETR Datasheet HTML 46Page - STMicroelectronics STV0974ETR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 69 page
background image
Functional description
STV0974
43/61
Register group 1
Table 28: Image characteristics [Register group 1]
Name
Index
R/W
State
code
Data
type
Format
default
Description
Still and Live
Sensor Frame
Ratea
0xA100
R/W
S I V
I
DDDD.DDDD
0011.1100
Frame rate coded as fixpoint (6:2):
Bit [7:2]: Integer part
Bit [1:0]: Decimal part
(1 unit = 0.25 frame/s)
Default is 15 frame/s
Still and Live
Output Image Size
0xA101
R/W
A
I
RRRR.RDDD
0000.0000
[7]: Custom b
[6]: QQCIF
[5]: SubQCIF
[4]: QQVGA
[3]: QCIF
[2]: QVGA
[1]: CIF
[0]: VGA
Still and Live
Output Image
Format
0xA102
R/W
S I V
I
RRRR.RDDD
0000.0100
[4]: JPEG
[3]: YUV 4:2:2
[2]: RGB 5:6:5
[1]: RGB 4:4:4
[0]: RGB 3:3:2
Still Multi-frames
Transfer Mode
0xA103
R/W
S I V L
B
DDDD.DDDD
0000.0001
0... 254: 0...254 frame(s)
255: continuous.
Delay transfer
Mode
0xA104
R/W
S I
B
DDDD.DDDD
0000.0000
0... 254: Minimum number of
frames (at 30 frame/s) to wait for
before sending the requested still
one.
255: Reserved
Viewfinder Frame
Rate
(STV0974 input)a
0xA105
R/W
S I L C
I
DDDD.DDDD
0011.1100
Frame rate coded as fix point
(6:2)a:
bit [7:2]: Integer part
bit [1:0]: Decimal part
(1 unit = 0.25 frame/s)
Default is 15 frame/s
Viewfinder Image
Size
0xA106
R/W
A
I
RRRR.RDDD
0000.0101
[7]: Customb
[6]: QQCIF
[5]: SubQCIF
[4]: QQVGA
[3]: QCIF
[2]: QVGA
[1]: CIF
[0]: VGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com