Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974ETR Datasheet(PDF) 31 Page - STMicroelectronics

Part # STV0974ETR
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974ETR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STV0974ETR Datasheet HTML 27Page - STMicroelectronics STV0974ETR Datasheet HTML 28Page - STMicroelectronics STV0974ETR Datasheet HTML 29Page - STMicroelectronics STV0974ETR Datasheet HTML 30Page - STMicroelectronics STV0974ETR Datasheet HTML 31Page - STMicroelectronics STV0974ETR Datasheet HTML 32Page - STMicroelectronics STV0974ETR Datasheet HTML 33Page - STMicroelectronics STV0974ETR Datasheet HTML 34Page - STMicroelectronics STV0974ETR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 69 page
background image
Functional description
STV0974
31/61
4.7
Power management unit
The STV0974 is reset via the internal PowerOnReset cell (POR) or via an external control reset
line. The device reset is controlled by the RST pin.
The POR cell generates an output signal on the POR pin every time that the device external supply
is switched off or the PDN pin is activated.
The STV0974 enters into power-up phase in two circumstances:
● when the supplies are turned on with PDN pin high.
● when the STV0974 exits from power-down (PDN pin rises with supplies already on).
At power-up, the STV0974 performs its initialization phase and goes into sleep mode.
Figure 18: Reset of
STV0974
Figure 19: State machine at power-up
STV0974
POR
RST
Host control line
(left unconnected)
Application with external reset line
STV0974
POR
RST
Application with POR reset cell
Connection
on application
board
Supplies Off
Vdd = 0
Boot
Power-down
Supplies
turned-on
PDN low
PDN high
Sleep mode
Supplies
turned-off
& PDN high
Supplies turned on & PDN low
Supplies
turned-off
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com