Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974ETR Datasheet(PDF) 35 Page - STMicroelectronics

Part # STV0974ETR
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974ETR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STV0974ETR Datasheet HTML 31Page - STMicroelectronics STV0974ETR Datasheet HTML 32Page - STMicroelectronics STV0974ETR Datasheet HTML 33Page - STMicroelectronics STV0974ETR Datasheet HTML 34Page - STMicroelectronics STV0974ETR Datasheet HTML 35Page - STMicroelectronics STV0974ETR Datasheet HTML 36Page - STMicroelectronics STV0974ETR Datasheet HTML 37Page - STMicroelectronics STV0974ETR Datasheet HTML 38Page - STMicroelectronics STV0974ETR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 69 page
background image
Functional description
STV0974
35/61
Still Mode This mode is used to take still pictures. Still picture parameters can be set for both
image size and data format. the first image output has a guaranteed exposure and color balance.
the number of frames output can also be set.
Live Mode Live clips can be generated in all the data and image formats.
Flash Mode Flash mode is used to take a single still picture and synchronously activate a flash
gun signal and illuminate the scene during the exposure period of the pixels.
Torch Mode For systems without a flash gun, a torch mode can replace the flash mode. Torch
mode is a setting (rather than a mode) which supports illumination of devices by producing a longer
illumination pulse with a lower intensity. In torch mode, illumination is switched on before the
camera is operated in one of the standard operating modes: ViewFinder, still capture or live.
Mode transitions
Boot to sleep The microcore starts following PDN de-activation. The right configuration is
obtained according to the following procedure:
1 Determine the sensor I2C chip address.
2 Read all sensor registers, either through I2C reads or status line interpretation.
3 Initialize internal registers.
The device then automatically goes into sleep mode
Sleep to idle When exiting sleep mode, the external clock register of the sensor is set, and the
sensor goes into Idle mode.
Figure 22: Sleep to idle timing
SCL/SDA
974 Mode
Sleep
Goto VF
MSCL/MSDA
or Goto Live
Sensor Mode
Sleep
Clock Active
CLK from sensor
t0
t1
t2
t0: Time to interpret Mode change command (< 1ms)
t1: Time to set clk characteristics (< 1ms)
t2: Time to get sensor characteristics (< 3ms) to go to idle
Idle
Set
external clock
Go to clk
active
Get sensor
Go to Idle
Clock Active
Idle
characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com