Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6260 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6260
Description  Li-ion and LiPo battery charger with LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6260 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6260 Datasheet HTML 1Page - Micro Analog systems MAS6260 Datasheet HTML 2Page - Micro Analog systems MAS6260 Datasheet HTML 3Page - Micro Analog systems MAS6260 Datasheet HTML 4Page - Micro Analog systems MAS6260 Datasheet HTML 5Page - Micro Analog systems MAS6260 Datasheet HTML 6Page - Micro Analog systems MAS6260 Datasheet HTML 7Page - Micro Analog systems MAS6260 Datasheet HTML 8Page - Micro Analog systems MAS6260 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DA6260.002
5 February, 2019
2 (9)
BLOCK DIAGRAM
Figure 1. MAS6260 battery charger block diagram
ABSOLUTE MAXIMUM RATINGS
All voltages with respect to ground.
Parameter
Symbol
Conditions
Min
Max
Unit
Supply voltage
VIN
-0.3
6.5
V
LDO pin voltage
VLDO
-0.3
4.5
V
SYS pin voltage
VSYS
-0.3
6.5
V
XCHG pin voltage
VXCHG
-0.3
6.5
V
Control pin voltages
VCEN
-2.0
6.5
V
VSD
-0.3
6.5
V
ISET pin voltage
VISET
-0.3
6.5
V
NTC pin voltage
VNTC
-0.3
6.5
V
Battery pin voltages
VBAT,
VBATSNS
-0.3
6.5
V
BATMS pin voltage
VBATMS
-0.3
VBAT +0.3
V
Storage temperature
TSTG
-40
+125
oC
ESD Rating
VHBM
Human Body Model (HBM)
±1
kV
VCDM
Charged-Device Model (CDM)
±750
V
Note: Stresses beyond the values listed may cause a permanent damage to the device. The device may not
operate under these conditions, but it will not be destroyed.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com