Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6260 Datasheet(PDF) 7 Page - Micro Analog systems

Part # MAS6260
Description  Li-ion and LiPo battery charger with LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6260 Datasheet(HTML) 7 Page - Micro Analog systems

  MAS6260 Datasheet HTML 1Page - Micro Analog systems MAS6260 Datasheet HTML 2Page - Micro Analog systems MAS6260 Datasheet HTML 3Page - Micro Analog systems MAS6260 Datasheet HTML 4Page - Micro Analog systems MAS6260 Datasheet HTML 5Page - Micro Analog systems MAS6260 Datasheet HTML 6Page - Micro Analog systems MAS6260 Datasheet HTML 7Page - Micro Analog systems MAS6260 Datasheet HTML 8Page - Micro Analog systems MAS6260 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DA6260.002
5 February, 2019
7 (9)
DEVICE OUTLINE CONFIGURATION
Top Marking Information:
6260 = Product Number
VVV = Version Number
YWW = Year Week
DFN-12 3x3x0.75 PIN DESCRIPTION
Pin Name
Pin
Type
Function
Note
IN
1
P
Input supply voltage
SYS
2
AO
System output
LDO
3
AO
3.05V LDO output
SD
4
DI
Shutdown control input
1
XCHG
5
AO
Charging / Fault flag
2
CEN
6
DI
Charger enable pin
3
GND
7
G
Ground
NTC
8
AIO
Battery temperature monitor pin
ISET
9
AO
Fast-charge programming resistor
BATMS
10
AO
Battery voltage measurement pin
BATSNS
11
AI
Battery voltage sensing
4
BAT
12
P
Battery positive terminal
EXP_PAD
-
G
Exposed thermal pad
5
G = Ground, P = Power, D = Digital, A = Analog, I = Input, O = Output
Note 1: Active HIGH (shutdown). Internal 350 k
Ω pull-down.
Note 2: Active LOW.
Note 3: Active HIGH. Internal 350 k
Ω pull-up to LDO output.
Note 4:
Connect as close as possible to the battery’s positive terminal.
Note 5: On PCB the exposed thermal pad must be connected to GND plane using thermal vias functioning as thermal heat sink.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com